Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T763TS Datasheet (PDF) - Ashcroft, Inc.

T763TS Datasheet PDF - Ashcroft, Inc.
Part # T763TS
Download  T763TS Download
File Size   1066.2 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description T4/T7 Series NEMA 4X, 7/9 Temperature Switches

T763TS Datasheet (PDF)

Go To PDF Page Download Datasheet
T763TS Datasheet PDF - Ashcroft, Inc.

Part # T763TS
Download  T763TS Click to download

File Size   1066.2 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description T4/T7 Series NEMA 4X, 7/9 Temperature Switches

T763TS Datasheet (HTML) - Ashcroft, Inc.


T763TS Product details

FEATURES
Precision SPDT or DPDT snap-acting micro switch operation
Single setpoint adjustable from 0-100% of range
Fixed or limited adjustable deadband
Internal set point locking screw (T4)
Direct or remote reading thermal systems
Choice of temperature ranges (from -40 °F to 750 °F)
Explosion proof enclosure provides uncompromising protection
Wide selection of switch elements




Similar Part No. - T763TS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7630 AGERE-T7630 Datasheet
3Mb / 210P
T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
October 2000
T7633 AGERE-T7633 Datasheet
1Mb / 250P
Dual T1/E1 3.3 V Short-Haul Terminator
September 1999
logo
TT Electronics.
T7633ST TTELEC-T7633ST Datasheet
362Kb / 2P
QI APPROVED 3-USB TYPE-C TRAVEL POWER BANK & WIRELESS CHARGING
01/06/2020
More results


Similar Description - T763TS

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NG-9511 BUD-NG-9511 Datasheet
56Kb / 1P
NEMA 4X GLAND, ADAPTER BRACKET
logo
List of Unclassifed Man...
AN-1300 ETC2-AN-1300 Datasheet
77Kb / 1P
NEMA 4X CAST ALUMINUM ENCLOSURE
PN-1321 ETC2-PN-1321 Datasheet
108Kb / 1P
NEMA 4X ENCLOSURE
PN-1323 ETC2-PN-1323 Datasheet
105Kb / 1P
NEMA 4X ENCLOSURE
AN-1317 ETC2-AN-1317 Datasheet
89Kb / 1P
NEMA 4X ENCLOSURE
PN-1336 ETC2-PN-1336 Datasheet
120Kb / 1P
NEMA 4X ENCLSURE
PN-1331 ETC2-PN-1331 Datasheet
92Kb / 1P
NEMA 4X ENCLSURE
PN-1338 ETC2-PN-1338 Datasheet
120Kb / 1P
NEMA 4X ENCSURE
logo
Schneider Electric
9007C54ED SCHNEIDER-9007C54ED Datasheet
136Kb / 3P
NEMA Limit Switches
Feb 12, 2023
9007C62C SCHNEIDER-9007C62C Datasheet
157Kb / 3P
NEMA Limit Switches
Feb 12, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com