Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C048 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C048 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C048
Download  HMC-C048 Download
File Size   258.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz

HMC-C048 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C048 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C048
Download  HMC-C048 Click to download

File Size   258.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz

HMC-C048 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-C048

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC-C043 HITTITE-HMC-C043 Datasheet
287Kb / 6P
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
HMC-C044 HITTITE-HMC-C044 Datasheet
321Kb / 6P
GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz
More results


Similar Description - HMC-C048

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C077 HITTITE-HMC-C077_09 Datasheet
270Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
logo
Skyworks Solutions Inc.
SKY65404-31 SKYWORKS-SKY65404-31 Datasheet
753Kb / 9P
5 GHz Low-Noise Amplifier
logo
Custom MMIC Design Serv...
CMD119P3 MMIC-CMD119P3 Datasheet
241Kb / 9P
5-9 GHz Low Noise Amplifier
CMD218C4 MMIC-CMD218C4 Datasheet
259Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD218 MMIC-CMD218 Datasheet
222Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD309P4 MMIC-CMD309P4 Datasheet
248Kb / 12P
5-11 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD318P3 QORVO-CMD318P3 Datasheet
351Kb / 13P
5-9 GHz Low Noise Amplifier
CMD309 QORVO-CMD309 Datasheet
238Kb / 12P
5-12 GHz Low Noise Amplifier
logo
Analog Devices
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
Low Noise Amplifier, 0.01 GHz to 9 GHz
10/2021-Revision 0
logo
Qorvo, Inc
CMD263 QORVO-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com