Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV160S Datasheet (PDF) - ATMEL Corporation

AT49BV160S Datasheet PDF - ATMEL Corporation
Part # AT49BV160S
Download  AT49BV160S Download
File Size   159.55 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit(1M x 16) Secure 3-volt Only Memory

AT49BV160S Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV160S Datasheet PDF - ATMEL Corporation

Part # AT49BV160S
Download  AT49BV160S Click to download

File Size   159.55 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit(1M x 16) Secure 3-volt Only Memory

AT49BV160S Datasheet (HTML) - ATMEL Corporation


AT49BV160S Product details

Description
The AT49BV160S(T) is a 2.7-volt 16-megabit Flash memory organized as 1,048,576 words of 16 bits each. The memory is divided into 39 sectors for erase operations. The device is offered in a 64-ball CBGA package. The device has CE and OE control signals to avoid any bus contention. This device can be read or reprogrammed using a single power supply, making it ideally suited for in-system programming.

Features
• Single Voltage Read/Write Operation: 2.65V to 3.6V
• Access Time – 70 ns
• Sector Erase Architecture
   – Thirty-one 32K Word (64K Bytes) Sectors with Individual Write Lockout
   – Eight 4K Word (8K Bytes) Sectors with Individual Write Lockout
• Fast Word Program Time – 10 µs
• Typical Sector Erase Time: 32K Word Sectors – 700 ms; 4K Word Sectors – 100 ms
• Suspend/Resume Feature for Erase and Program
   – Supports Reading and Programming from Any Sector by Suspending Erase
      of a Different Sector
   – Supports Reading Any Word by Suspending Programming of Any Other Word
• Low-power Operation
   – 10 mA Active
   – 15 µA Standby
• VPP Pin for Write Protection and Accelerated Program Operations
• RESET Input for Device Initialization
• Softlock Sector Protection
• Secure Lock and Freeze Feature
• Top or Bottom Boot Block Configuration Available
• 128-bit Protection Register
• Minimum 100,000 Erase Cycles
• Common Flash Interface (CFI)
• CBGA Green (Pb/Halide-free/RoHS Compliant) Packaging




Similar Part No. - AT49BV160S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-70CI ATMEL-AT49BV160-70CI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-70TI ATMEL-AT49BV160-70TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-90CI ATMEL-AT49BV160-90CI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160-90TI ATMEL-AT49BV160-90TI Datasheet
308Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Similar Description - AT49BV160S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV320S ATMEL-AT49BV320S Datasheet
188Kb / 6P
32-megabit (2M x 16) Secure 3-volt Only Memory
AT49BV640S ATMEL-AT49BV640S Datasheet
198Kb / 8P
64-megabit (4M x 16) Secure 3-volt Only Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
16-megabit (1M x 16) 3-volt Only Flash Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com