Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13156-6P Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML13156-6P Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML13156-6P
Download  ML13156-6P Download
File Size   3524.78 Kbytes
Page   21 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Wideband FM IF System

ML13156-6P Datasheet (PDF)

Go To PDF Page Download Datasheet
ML13156-6P Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML13156-6P
Download  ML13156-6P Click to download

File Size   3524.78 Kbytes
Page   21 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Wideband FM IF System

ML13156-6P Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML13156-6P Product details

The ML13156 is a wideband FM IF subsystem targeted at high performance data and analog applications. The ML13156 has an onboard grounded collector VCO transistor that may be used with a fundamental or overtone crystal in single channel operation or with a PLL in multichannel operation. The mixer is useful to 500 MHz and may be used in a balanced–differential, or single–ended configuration. The IF amplifier is split to accommodate two low cost cascaded filters. RSSI output is derived by summing the output of both IF sections. A precision data shaper has a hold function to preset the shaper for fast recovery of new data.
Applications for the ML13156 include CT–2, wideband data links and other radio systems utilizing GMSK, FSK, or FM modulation.

• 2.0 to 6.0 Vdc Operation
• Typical Sensitivity at 200 MHz of 2.0 µV for 12 dB SINAD
• RSSI Dynamic Range Typically 80 dB
• High Performance Data Shaper for Enhanced CT–2 Operation
• Internal 330 Ω and 1.4 kΩ Terminations for 10.7 Mhz and 455 kHz Filters
• Split IF for Improved Filtering and Extended RSSI Range
• 3rd Order Intercept (Input) of –25 dBm (Input Matched)
• Operating Temperature Range – TA = –40 to +85°C




Similar Part No. - ML13156-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13156-6P LANSDALE-ML13156-6P Datasheet
2Mb / 21P
Wideband FM IF System
More results


Similar Description - ML13156-6P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
FM IF SYSTEM
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
Wideband FM IF System
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
FM IF SYSTEM
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
Wideband FM IF
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
Wideband FM IF
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
Wideband FM IF System
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
Wideband FM IF
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com