Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML144111 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML144111 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML144111
Download  ML144111 Download
File Size   464.23 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Digital-to-Analog Converters with Serial Interface

ML144111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML144111 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML144111
Download  ML144111 Click to download

File Size   464.23 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description Digital-to-Analog Converters with Serial Interface

ML144111 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML144111 Product details

Legacy Device:Motorola/Freescale MC144110, MC144111



The ML144110 and ML144111 are low–cost 6–bit D/A converters with serial interface ports to provide communication with CMOS microproces sors and microcomputers. The ML144110 contains six static D/A convert ers; the ML144111 contains four converters.

Due to a unique feature of these DACs, the user is permitted easy scaling of the analog outputs of a system. Over a 5 to 15 V supply range, these DACs maybe directly interfaced to CMOS MPUs operating at 5 V.



• Direct R–2R Network Outputs

• Buffered Emitter–Follower Outputs

• Serial Data Input

• Digital Data Output Facilitates Cascading

• Direct Interface to CMOS µP

• Wide Operating Voltage Range: 4.5 to 15 V

• Wide Operating Temperature Range: TA= 0 to 85°C

• Software Information is Contained in Document M68HC11RM/AD




Similar Part No. - ML144111

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML144111 LANSDALE-ML144111 Datasheet
199Kb / 8P
Digital?뱓o?밃nalog Converters with Serial Interface
ML144111-5P LANSDALE-ML144111-5P Datasheet
199Kb / 8P
Digital?뱓o?밃nalog Converters with Serial Interface
ML144111CP LANSDALE-ML144111CP Datasheet
199Kb / 8P
Digital?뱓o?밃nalog Converters with Serial Interface
More results


Similar Description - ML144111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com