Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2203393 Datasheet (PDF) - PHOENIX CONTACT

2203393 Datasheet PDF - PHOENIX CONTACT
Part # 2203393
Download  2203393 Download
File Size   187.96 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCS PED 9005 - Stand

2203393 Datasheet (PDF)

Go To PDF Page Download Datasheet
2203393 Datasheet PDF - PHOENIX CONTACT

Part # 2203393
Download  2203393 Click to download

File Size   187.96 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCS PED 9005 - Stand

2203393 Datasheet (HTML) - PHOENIX CONTACT


2203393 Product details

Stand for mounting the UCS housing; height: 47 mm; material: polyamide; color: black, similar to
RAL 9005; panel mounting option is integrated, snaps into the screw holes of the housing




Similar Part No. - 2203393

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203390 PHOENIX-2203390 Datasheet
180Kb / 5P
UCS SW 237-H AL - Side panel
2203391 PHOENIX-2203391 Datasheet
194Kb / 6P
UCS WM-B 5018 - Wall bracket
2203392 PHOENIX-2203392 Datasheet
186Kb / 5P
UCS PED 7035 - Stand
2203394 PHOENIX-2203394 Datasheet
188Kb / 5P
UCS PED 5018 - Stand
2203395 PHOENIX-2203395 Datasheet
182Kb / 5P
UCS CC 7035 - Corner inlay
More results


Similar Description - 2203393

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-59006-C1-R0 ATS-ATS-59006-C1-R0 Datasheet
749Kb / 1P
maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 29MM W/ PED
Rev - 121101
logo
Broadcom Corporation.
LPE32000 BOARDCOM-LPE32000 Datasheet
160Kb / 4P
LPe32000-Series for Cisco UCS C-Series
logo
Agilent(Hewlett-Packard...
MR-0260.024 HP-MR-0260.024 Datasheet
194Kb / 2P
PED MASTR Plus
logo
Schneider Electric
UHTRP242363 SCHNEIDER-UHTRP242363 Datasheet
74Kb / 2P
METER SOCKET RINGLESS HORN UG PED 200A
logo
PHOENIX CONTACT
1076870 PHOENIX-1076870 Datasheet
174Kb / 7P
Upper part of housing - ICS50-TL122X12-9005
1076876 PHOENIX-1076876 Datasheet
173Kb / 8P
Upper part of housing - ICS50-C122X12-9005
1076882 PHOENIX-1076882 Datasheet
179Kb / 7P
Upper part of housing - ICS50-TL100X12-9005
1072486 PHOENIX-1072486 Datasheet
109Kb / 5P
Feed-through header - ICC25-H/4L5,0-9005
10/28/2020
2203398 PHOENIX-2203398 Datasheet
53Kb / 3P
Corner inlay - UCS CC 5018
09/12/2020
2203401 PHOENIX-2203401 Datasheet
53Kb / 2P
Mounting set - UCS GD 9005
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com