Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1084IS-3.3-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

LM1084IS-3.3-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # LM1084IS-3.3-TP
Download  LM1084IS-3.3-TP Download
File Size   3303.3 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 5A Low Dropout Positive Regulators

LM1084IS-3.3-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1084IS-3.3-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # LM1084IS-3.3-TP
Download  LM1084IS-3.3-TP Click to download

File Size   3303.3 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 5A Low Dropout Positive Regulators

LM1084IS-3.3-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


LM1084IS-3.3-TP Product details

Features |
« Available in 3.3V, 5.0V, and Adjustable Versions
« Current Limiting and Thermal Protection |
» Output Current 5 A
o Fast Transient Response
Line Regulation 0.015% (Typical)
« Load Regulation 0.1% (Typical) |




Similar Part No. - LM1084IS-3.3-TP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084IS-3.3 NSC-LM1084IS-3.3 Datasheet
750Kb / 13P
5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1084IS-3.3/NOPB TI1-LM1084IS-3.3/NOPB Datasheet
2Mb / 22P
LM1084 5A Low Dropout Positive Regulators
More results


Similar Description - LM1084IS-3.3-TP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
5A Low Dropout Positive Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
5A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com