Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0711593 Datasheet (PDF) - PHOENIX CONTACT

0711593 Datasheet PDF - PHOENIX CONTACT
Part # 0711593
Download  0711593 Download
File Size   241.57 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UKK 5-MTK-P/P BU - Knife-disconnect terminal block

0711593 Datasheet (PDF)

Go To PDF Page Download Datasheet
0711593 Datasheet PDF - PHOENIX CONTACT

Part # 0711593
Download  0711593 Click to download

File Size   241.57 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UKK 5-MTK-P/P BU - Knife-disconnect terminal block

0711593 Datasheet (HTML) - PHOENIX CONTACT


0711593 Product details

Knife-disconnect terminal block, With test socket screws for insertion of test plugs, nom.
voltage: 400 V, nominal current: 26 A, 1st and 2nd level, connection method: Screw connection,
Rated cross section: 4 mm2, cross section: 0.2 mm2 - 4 mm2, 2nd level, connection method:
Screw connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 4 mm2, mounting:
NS 35/7,5, NS 35/15, NS 32, color: blue




Similar Part No. - 0711593

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0711580 PHOENIX-0711580 Datasheet
102Kb / 8P
Fuse terminal block - UKK 5-HESILED 60 (5X20)
More results


Similar Description - 0711593

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800486 PHOENIX-2800486 Datasheet
132Kb / 12P
Knife disconnect terminal block - UKK 5-MTK-P/P-DIO/U-OL
3004058 PHOENIX-3004058 Datasheet
145Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P BU
3029538 PHOENIX-3029538 Datasheet
141Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P OG
3048179 PHOENIX-3048179 Datasheet
144Kb / 13P
Knife disconnect terminal block - MTK-P/P AU
3104097 PHOENIX-3104097 Datasheet
145Kb / 13P
Knife disconnect terminal block - MTK-P/P BU
3104123 PHOENIX-3104123 Datasheet
136Kb / 12P
Knife disconnect terminal block - MTK-P/P MIT SPERRE BU
3004087 PHOENIX-3004087 Datasheet
167Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P MIT SPERRE
09/12/2020
2800020 PHOENIX-2800020 Datasheet
174Kb / 14P
Knife disconnect terminal block - UKK 5-MTK-P/P-LA 24RD/OU
09/12/2020
3074266 PHOENIX-3074266 Datasheet
173Kb / 14P
Knife disconnect terminal block - MTK-P/P GN
09/12/2020
3074279 PHOENIX-3074279 Datasheet
171Kb / 14P
Knife disconnect terminal block - MTK-P/P RD
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com