Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3209538 Datasheet (PDF) - PHOENIX CONTACT

3209538 Datasheet PDF - PHOENIX CONTACT
Part # 3209538
Download  3209538 Download
File Size   241.13 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MT - Knife-disconnect terminal block

3209538 Datasheet (PDF)

Go To PDF Page Download Datasheet
3209538 Datasheet PDF - PHOENIX CONTACT

Part # 3209538
Download  3209538 Click to download

File Size   241.13 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MT - Knife-disconnect terminal block

3209538 Datasheet (HTML) - PHOENIX CONTACT


3209538 Product details

Knife-disconnect terminal block, nom. voltage: 400 V, nominal current: 20 A, connection method:
Push-in connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, connection
method: Screw connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2,
mounting: NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 3209538

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209530 PHOENIX-3209530 Datasheet
257Kb / 23P
Test disconnect terminal block - PTU 6-T-P
09/11/2020
3209531 PHOENIX-3209531 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6
3209532 PHOENIX-3209532 Datasheet
241Kb / 8P
PTU 4-MT-P - Knife-disconnect terminal block
3209536 PHOENIX-3209536 Datasheet
120Kb / 6P
PIT 2,5-PE, Ground modular terminal block
3209537 PHOENIX-3209537 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6-P
More results


Similar Description - 3209538

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035522 PHOENIX-3035522 Datasheet
154Kb / 14P
Knife disconnect terminal block - STTBS 4-MT BU
3046141 PHOENIX-3046141 Datasheet
73Kb / 4P
Knife disconnect terminal block - UT 4-MT-EX
3046362 PHOENIX-3046362 Datasheet
67Kb / 6P
Knife disconnect terminal block - UT 2,5-MT
3073050 PHOENIX-3073050 Datasheet
145Kb / 15P
Knife disconnect terminal block - UT 4-QUATTRO-MT BU
3206487 PHOENIX-3206487 Datasheet
619Kb / 25P
Knife disconnect terminal block - QTC 2,5-MT
3046279 PHOENIX-3046279 Datasheet
493Kb / 22P
Knife disconnect terminal block - UT 4-MT RD
3270079 PHOENIX-3270079 Datasheet
547Kb / 25P
Knife disconnect terminal block - PTC 2,5-MT
1088739 PHOENIX-1088739 Datasheet
254Kb / 24P
Knife disconnect terminal block - PTV 4-MT
09/12/2020
1088740 PHOENIX-1088740 Datasheet
756Kb / 28P
Knife disconnect terminal block - PTV 4-MT BU
01/21/2022
3211934 PHOENIX-3211934 Datasheet
301Kb / 27P
Knife disconnect terminal block - PT 4-MT BU
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com