Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL336LRN Datasheet (PDF) - ON Semiconductor

FSL336LRN Datasheet PDF - ON Semiconductor
Part # FSL336LRN
Download  FSL336LRN Download
File Size   274.43 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Mode onsemi Buck

FSL336LRN Datasheet (PDF)

Go To PDF Page Download Datasheet
FSL336LRN Datasheet PDF - ON Semiconductor

Part # FSL336LRN
Download  FSL336LRN Click to download

File Size   274.43 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Mode onsemi Buck

FSL336LRN Datasheet (HTML) - ON Semiconductor


FSL336LRN Product details

Description
The FSL336LR integrated Pulse Width Modulator (PWM) and
SENSEFET® is specifically designed for high−performance offline
buck, buck−boost, and non−isolation flyback Switched Mode Power
Supplies (SMPS) with minimal external components. This device
integrates a high−voltage power regulator that enables operation
without auxiliary bias winding. An internal transconductance amplifier
reduces external components for the feedback compensation circuit.
The integrated PWM controller includes: 10 V regulator for no
external bias circuit, Under−Voltage Lockout (UVLO), Leading−Edge
Blanking (LEB), an optimized gate turn−on / turn−off driver, EMI
attenuator, Thermal Shutdown (TSD), temperature−compensated
precision current sources for loop compensation, and fault−protection
circuitry. Protections include: Overload Protection (OLP),
Over−Voltage Protection (OVP), and Feedback Open Loop Protection
(FB_OLP). FSL336LR offers good soft−start performance during
startup.
The internal high−voltage startup switch and the Burst−Mode
operation with very low operating current reduce the power loss in
Standby Mode. As the result, it is possible to reach power loss of
120 mW without external bias and 25 mW with external bias when
input voltage is 230 VAC.
Features
• Built−in Avalanche−Rugged SENSEFET: 650 V
• Fixed Operating Frequency: 50 kHz
• No−Load Power Consumption:
<25 mW at 230 VAC with External Bias;
<120 mW at 230 VAC without External Bias
• No Need for Auxiliary Bias Winding
• Frequency Modulation for Attenuating EMI
• Pulse−by−Pulse Current Limiting
• Ultra−Low Operating Current: 250 A
• Built−in Soft−Start and Startup Circuit
• Adjustable Peak Current Limit
• Built−in Transconductance (Error) Amplifier
• Various Protections: Overload Protection (OLP), Over−Voltage
Protection (OVP), Feedback Open−Loop Protection (FB_OLP),
Thermal Shutdown (TSD)
• Fixed 650 ms Restart Time for Safe Auto−Restart of All Protections
• These Devices are Pb−Free, Halide Free and are RoHS Compliant
Applications
• SMPS for Home Appliances and Industrial Applications
• SMPS for Auxiliary Power




Similar Part No. - FSL336LRN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSL306LR ONSEMI-FSL306LR Datasheet
289Kb / 16P
Green Mode Buck Switch
November, 2022
logo
Fairchild Semiconductor
FSL306LRLX FAIRCHILD-FSL306LRLX Datasheet
903Kb / 16P
Green Mode Fairchild Buck Switch
logo
ON Semiconductor
FSL306LRLX ONSEMI-FSL306LRLX Datasheet
289Kb / 16P
Green Mode Buck Switch
November, 2022
logo
Fairchild Semiconductor
FSL306LRN FAIRCHILD-FSL306LRN Datasheet
903Kb / 16P
Green Mode Fairchild Buck Switch
logo
ON Semiconductor
FSL306LRN ONSEMI-FSL306LRN Datasheet
289Kb / 16P
Green Mode Buck Switch
November, 2022
More results


Similar Description - FSL336LRN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
Buck or Buck-Boost(Inverting) Current Mode Controller
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Richtek Technology Corp...
DS8409 RICHTEK-DS8409 Datasheet
175Kb / 11P
Green Mode Buck Converter
RT8409 RICHTEK-RT8409 Datasheet
175Kb / 11P
Green Mode Buck Converter
logo
ON Semiconductor
FGH75T65SQDT ONSEMI-FGH75T65SQDT Datasheet
1Mb / 11P
http://115.22.68.60/master/PDF_DATA/ONSEMI/FGH75T65SQDT.PDF
June 2017 Rev. 1.0
FAN5904 ONSEMI-FAN5904 Datasheet
2Mb / 25P
Multi-Mode Buck Converter
Rev. 3.0.7
FAN5909 ONSEMI-FAN5909 Datasheet
665Kb / 15P
Multi-Mode Buck Converter
November, 2017 ??Rev. 2
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
Current Mode Buck-Boost Converter
logo
Fairchild Semiconductor
FSL306LRN FAIRCHILD-FSL306LRN Datasheet
903Kb / 16P
Green Mode Fairchild Buck Switch
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com