Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA317IDBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

OPA317IDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # OPA317IDBVR-TP
Download  OPA317IDBVR-TP Download
File Size   3393.16 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description CMOS Operational Amplifier Zero Drift

OPA317IDBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA317IDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # OPA317IDBVR-TP
Download  OPA317IDBVR-TP Click to download

File Size   3393.16 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description CMOS Operational Amplifier Zero Drift

OPA317IDBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


OPA317IDBVR-TP Product details

Features

« General Purpose, Low Cost

' Gain Bandwidth Product: 300KHz

o Low Quiescent Current: 21pA/Amplifier
© 0.01Hz-10Hz Noise: 1.5pVep

Zero Drift: 0.01uV/I°C (Typ)

o Input Bias Current: 20pA

« Unity Gain Stable

o Rail-to-Rail Input and Output

« Single or Dual Supply Operation

« Supply Voltage Range: 1.8V to 5.5V

» Operating Temperature: -50°C ~ +125°C
o Type Package:SOT23-5
Applications

® Temperature Sensors
Battery-Powered Instruments

' Smoke/Gas/Environment Sensors

« Medical Equipment

» Portable Instruments and Mobile Device
Active Filters

Piezo Electrical Transducer Amplifier
Sensor Interface

o Handheld Test Equipment




Similar Part No. - OPA317IDBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317IDBVR TI-OPA317IDBVR Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
OPA317IDBVR TI2-OPA317IDBVR Datasheet
1Mb / 46P
OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
REVISED JUNE 2016
OPA317IDBVR.B TI2-OPA317IDBVR.B Datasheet
1Mb / 46P
OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
REVISED JUNE 2016
More results


Similar Description - OPA317IDBVR-TP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
Texas Instruments
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
CMOS Operational Amplifiers Zero-Drift
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
logo
Texas Instruments
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
logo
ON Semiconductor
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com