Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AIDBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

OPA333AIDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # OPA333AIDBVR-TP
Download  OPA333AIDBVR-TP Download
File Size   3415.2 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Micro Power CMOS Operational Amplifier Zero Drift

OPA333AIDBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA333AIDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # OPA333AIDBVR-TP
Download  OPA333AIDBVR-TP Click to download

File Size   3415.2 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Micro Power CMOS Operational Amplifier Zero Drift

OPA333AIDBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


OPA333AIDBVR-TP Product details

Features

« General Purpose, Low Cost

' Gain Bandwidth Product: 350KHz

o Low Quiescent Current: 15uA/Amplifier
© 0.01Hz-10Hz Noise: 1.5pVep

Zero Drift: 0.01uV/I°C (Typ)

o Input Bias Current: 20pA

« Unity Gain Stable

o Rail-to-Rail Input and Output

« Single or Dual Supply Operation

« Supply Voltage Range: 1.8V to 5.5V

» Operating Temperature: -50°C ~ +125°C
o Type Package:SOT23-5
Applications

® Temperature Sensors
Battery-Powered Instruments

' Smoke/Gas/Environment Sensors

« Medical Equipment

» Portable Instruments and Mobile Device
Active Filters

Piezo Electrical Transducer Amplifier
Sensor Interface

o Handheld Test Equipment




Similar Part No. - OPA333AIDBVR-TP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA333AIDBVR BURR-BROWN-OPA333AIDBVR Datasheet
474Kb / 18P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDBVR TI-OPA333AIDBVR Datasheet
1Mb / 28P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333AIDBVR TI1-OPA333AIDBVR Datasheet
1Mb / 42P
CMOS Operational Amplifiers, Zero-Drift Series
OPA333AIDBVR TI1-OPA333AIDBVR Datasheet
1Mb / 42P
1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
logo
Burr-Brown (TI)
OPA333AIDBVRG4 BURR-BROWN-OPA333AIDBVRG4 Datasheet
474Kb / 18P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
More results


Similar Description - OPA333AIDBVR-TP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
Zero-Drift Operational Amplifier
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com