Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2302A Datasheet (PDF) - Goford Semiconductor

2302A Datasheet PDF - Goford Semiconductor
Part # 2302A
Download  2302A Download
File Size   685.28 Kbytes
Page   6 Pages
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

2302A Datasheet (PDF)

Go To PDF Page Download Datasheet
2302A Datasheet PDF - Goford Semiconductor

Part # 2302A
Download  2302A Click to download

File Size   685.28 Kbytes
Page   6 Pages
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

2302A Datasheet (HTML) - Goford Semiconductor


2302A Product details

Description
The 2302A uses advanced trench technology to provide
excellent RDS(ON) , low gate charge. It can be used in a wide
variety of applications.

Application
l Power switch
l DC/DC converters




Similar Part No. - 2302A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2302 ETC-2302 Datasheet
76Kb / 2P
2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
GHz Technology
2302 GHZTECH-2302 Datasheet
78Kb / 2P
2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
SHENZHEN FUMAN ELECTRON...
2302 FUMAN-2302 Datasheet
310Kb / 2P
20V N-Channel Enhancement MOS FET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Heyco.
2302 HEYCO-2302 Datasheet
116Kb / 1P
Nylon Hose Clamps
More results


Similar Description - 2302A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com