Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0821 Datasheet (PDF) - ON Semiconductor

AR0821 Datasheet PDF - ON Semiconductor
Part # AR0821
Download  AR0821 Download
File Size   327.36 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1/1.7-Inch 8 MP CMOS Digital Image Sensor

AR0821 Datasheet (PDF)

Go To PDF Page Download Datasheet
AR0821 Datasheet PDF - ON Semiconductor

Part # AR0821
Download  AR0821 Click to download

File Size   327.36 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1/1.7-Inch 8 MP CMOS Digital Image Sensor

AR0821 Datasheet (HTML) - ON Semiconductor


AR0821 Product details

General Description
onsemi AR0821 is a 1/1.7−inch CMOS digital image sensor with a
3848 H x 2168 V active−pixel array. This advanced sensor captures
images in either linear or high dynamic range, with rolling−shutter
readout. AR0821 is optimized to deliver high−quality performance in
both low−light and challenging lighting conditions. It is supported by
a 2.1 m Dual Conversion Gain Pixel Technology (DR−Pix) BSI
pixel from onsemi and embedded HDR (eHDR) technology that
delivers greater than 140 dB. The sensor includes advanced functions
such as in−pixel binning, windowing, and both video and single frame
modes to provide flexible Region of Interest (ROI) or specific
resolution providing enhanced performance in extreme low light
conditions. The device is programmable through a simple two−wire
serial interface, and supports MIPI output interface.
Features
 4K Resolution
 High Performance 2.1 m Automotive
Grade Backside Illuminated (BSI) Pixel with
DR−Pix Technology from onsemi
 Advanced eHDR Reconstruct with Flexible
Exposure Ratio Control
 Multiple HDR Modes: 3−exp eHDR, 4−exp
eHDR and 2−exp line interleaved output
(LI−HDR)
 Readout Modes: 2x2 Scaling, 2x2 Mono
Summing for Linear/ 4−exp eHDR, 2x2 Binning
 Data Interface: 1.7 Gbps/Lane, 4−lane
MIPI CSI−2
 Built−In Temperature Sensor
 Selectable Automatic or User Controlled
Black Level Control
 Frame to Frame Switching Among up to
Four Contexts to Enable Multi−Function
Systems
 Multi−Camera Synchronization Support
 This is a Pb−Free Device
Applications
 AGV/AMR
 Machine Vision Cameras
 ID Document Readers
 Surveillance/Security Cameras
 Video Conferencing




Similar Part No. - AR0821

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0822 ONSEMI-AR0822 Datasheet
254Kb / 5P
1/1.8-inch 8 MP CMOS Digital Image Sensor
August, 2024
AR0822NPSC10SMTA0-DP ONSEMI-AR0822NPSC10SMTA0-DP Datasheet
254Kb / 5P
1/1.8-inch 8 MP CMOS Digital Image Sensor
August, 2024
AR0822NPSC10SMTA0-DR ONSEMI-AR0822NPSC10SMTA0-DR Datasheet
254Kb / 5P
1/1.8-inch 8 MP CMOS Digital Image Sensor
August, 2024
AR0822NPSC10SMTAH3-GEVB ONSEMI-AR0822NPSC10SMTAH3-GEVB Datasheet
254Kb / 5P
1/1.8-inch 8 MP CMOS Digital Image Sensor
August, 2024
AR0822NPSM10SMTA0-DP ONSEMI-AR0822NPSM10SMTA0-DP Datasheet
254Kb / 5P
1/1.8-inch 8 MP CMOS Digital Image Sensor
August, 2024
More results


Similar Description - AR0821

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9J003 ONSEMI-MT9J003_16 Datasheet
1Mb / 77P
1/2.3-Inch 10 Mp CMOS Digital Image Sensor
Rev. E 5/15 EN
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com