Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPT9920 Datasheet (PDF) - Shenzhen Xptek Technology Co.,Ltd

XPT9920 Datasheet PDF - Shenzhen Xptek Technology Co.,Ltd
Part # XPT9920
Download  XPT9920 Download
File Size   223.19 Kbytes
Page   8 Pages
Manufacturer  XPT [Shenzhen Xptek Technology Co.,Ltd]
Direct Link  http://www.xptek.com.cn/en/index.asp
Logo XPT - Shenzhen Xptek Technology Co.,Ltd
Description No interference to FM, high efficiency, excellent sound quality

XPT9920 Datasheet (PDF)

Go To PDF Page Download Datasheet
XPT9920 Datasheet PDF - Shenzhen Xptek Technology Co.,Ltd

Part # XPT9920
Download  XPT9920 Click to download

File Size   223.19 Kbytes
Page   8 Pages
Manufacturer  XPT [Shenzhen Xptek Technology Co.,Ltd]
Direct Link  http://www.xptek.com.cn/en/index.asp
Logo XPT - Shenzhen Xptek Technology Co.,Ltd
Description No interference to FM, high efficiency, excellent sound quality

XPT9920 Datasheet (HTML) - Shenzhen Xptek Technology Co.,Ltd


XPT9920 Product details

Main features of chip functions
No interference to FM, high efficiency, excellent sound quality
AB/D class switching
Multi-channel optional, up to 4 channels can be composed
10W output power (10% THD, 8.4V power supply, 4Ω load)
8W output power (10% THD, 7.4V power supply, 4Ω load)
3.5W output power (10% THD, 5V power supply, 4Ω load)
Wide operating voltage range: 2.5V~8.5V
Pop sound suppression during power-on and power-off
External gain adjustable, integrated feedback
Low shutdown current, low EMI
No need to drive output coupling capacitor, bootstrap capacitor and buffer network
Unit gain stable
Overheating protection, overvoltage protection
Adopt HSOP-28 package




Similar Part No. - XPT9920

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xptek Technolo...
XPT9911 XPT-XPT9911 Datasheet
527Kb / 9P
12W single-channel Class F audio power amplifier with wide voltage, no FM interference, overheating, overvoltage protection and anti-crack function
XPT9911ES XPT-XPT9911ES Datasheet
527Kb / 9P
12W single-channel Class F audio power amplifier with wide voltage, no FM interference, overheating, overvoltage protection and anti-crack function
More results


Similar Description - XPT9920

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
High Sound Quality Multi Melody IC
logo
STMicroelectronics
TDA1220B STMICROELECTRONICS-TDA1220B Datasheet
416Kb / 18P
AM-FM QUALITY RADIO
Mar-1993
logo
List of Unclassifed Man...
YSS241B ETC1-YSS241B Datasheet
1Mb / 26P
High-Quality Sound Processing by All Digital Sound Processing
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
Excellent receiver sensitivity and robustness to interference
logo
Asahi Kasei Microsystem...
AK4377 AKM-AK4377 Datasheet
277Kb / 5P
High Sound Quality Advanced DAC with HP
logo
SHENZHEN FUMAN ELECTRON...
SC2313L FUMAN-SC2313L Datasheet
255Kb / 14P
Four-channel sound quality processor
SC2314 FUMAN-SC2314 Datasheet
216Kb / 11P
Four input sound quality processor IC
logo
Rohm
BD34301EKV ROHM-BD34301EKV Datasheet
2Mb / 54P
High Sound Quality Audio D/A Converters
logo
STMicroelectronics
TCA3189 STMICROELECTRONICS-TCA3189 Datasheet
165Kb / 4P
FM-IF HIGH QUALITY RADIO SYSTEM
Jun-1988
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com