Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3410KTR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

AP3410KTR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # AP3410KTR-TP
Download  AP3410KTR-TP Download
File Size   3778.77 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 1.5MHz, 1.2A Synchronous Step Down Regulator

AP3410KTR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3410KTR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # AP3410KTR-TP
Download  AP3410KTR-TP Click to download

File Size   3778.77 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 1.5MHz, 1.2A Synchronous Step Down Regulator

AP3410KTR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


AP3410KTR-TP Product details

Features

« Supply Voltage Range: 2.5V to 5.5V

+ Guaranteed 1.2A continuous load current

« 2% 06V reference

» Cycle-by-cycle peak current limitation

Instant PWM architecture to achieve fast transient
responses Internal softstart mits the inrush current

«Current Limiting Protection

« Low RDS(ON) for internal switches
(top/bottom):300/200 mQ

« Fixed 1.5MHz Switching Frequency

« Efficiency Up to 95%

« RoHS and Halogen free compliance

« Compact package: SOT23-5




Similar Part No. - AP3410KTR-TP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410BK-G1 BCDSEMI-AP3410BK-G1 Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410BKTR-G1 BCDSEMI-AP3410BKTR-G1 Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
A POWER MICROELECTRONIC...
AP3410MI APME-AP3410MI Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP3410KTR-TP

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
1.2A, 1.5MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
SY8008A SILERGY-SY8008A Datasheet
203Kb / 5P
High Efficiency 1.5MHz, 0.6A/1A/1.2A Synchronous Step Down Regulator Preliminary Spec
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com