Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4948 Datasheet (PDF) - Maxim Integrated Products

MAX4948 Datasheet PDF - Maxim Integrated Products
Part # MAX4948
Download  MAX4948 Download
File Size   273.34 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Hex SPDT Data Switch

MAX4948 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4948 Datasheet PDF - Maxim Integrated Products

Part # MAX4948
Download  MAX4948 Click to download

File Size   273.34 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Hex SPDT Data Switch

MAX4948 Datasheet (HTML) - Maxim Integrated Products


MAX4948 Product details

General Description
The MAX4947/MAX4948 analog switches operate from a single +1.8V to +5.5V supply. These switches feature a low 30pF (typ) capacitance for high-speed data switching applications.

Benefits and Features
♦ Multiplex SDIO or Memory Stick Interfaces
♦ Ideal for High Speed Switching Applications
    Low On-Resistance 4Ω (typ)
    Low-Capacitance Switches, 30pF (typ)
♦ Minimize Switching Footprint through High Integration
    MAX4947 triple double-pole/double-throw (DPDT) switch
    MAX4748 hex single-pole/double-throw (SPDT) switch
    One control logic input
    Small 25-Bump UCSP™ (2.5mm x 2.5mm) or 24-TQFN (4mm x 4mm)
♦ Wide Supply Capability
    1.8V to 5.5V Supply Voltage Range
    Rail-to-Rail Signal Handling

Applications
    USB Signal Switching
    UART Signal Switching
    SDIO/Memory Stick
    Cell Phones
    PDAs




Similar Part No. - MAX4948

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4948EVKIT MAXIM-MAX4948EVKIT Datasheet
171Kb / 10P
Powered by Host Interface
Rev 0; 10/07
MAX4948EVKIT+ MAXIM-MAX4948EVKIT+ Datasheet
171Kb / 10P
Powered by Host Interface
Rev 0; 10/07
More results


Similar Description - MAX4948

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
SPDT Switch
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
SPDT, Switch
April, 2007 ??Rev. 0
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
SPDT Switch
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com