Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC96A1060 Datasheet (PDF) - Bookham, Inc.

LC96A1060 Datasheet PDF - Bookham, Inc.
Part # LC96A1060
Download  LC96A1060 Download
File Size   288.19 Kbytes
Page   4 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description 400mW 1060nm / 1070nm High Power Laser Diode Module

LC96A1060 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC96A1060 Datasheet PDF - Bookham, Inc.

Part # LC96A1060
Download  LC96A1060 Click to download

File Size   288.19 Kbytes
Page   4 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description 400mW 1060nm / 1070nm High Power Laser Diode Module

LC96A1060 Datasheet (HTML) - Bookham, Inc.


LC96A1060 Product details

400mW 1060nm / 1070nm High Power Laser Diode Module



The Bookham LC96A10x0-20R high power single-mode laser module has been designed as light source for fiber laser applications. Processes and techniques of coupling the fiber to the laser allow high output powers that are very stable with both time and temperature. Devices are available with kink free output powers to 400mW.



Features:

• High output power, up to 400mW kink free

• 1060nm or 1070nm wavelength

• Polarization maintaining single-mode fiber pigtail

• Internal thermoelectric heatpump and monitor photodiode

• Hermetically sealed 14-pin butterfly package

• RoHS compliant



Applications:

• Fiber lasers

• Pumping and printing applications




Similar Part No. - LC96A1060

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC96A74-20R BOOKHAM-LC96A74-20R Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96A76-20R BOOKHAM-LC96A76-20R Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96AA74-20R BOOKHAM-LC96AA74-20R Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96AA76-20R BOOKHAM-LC96AA76-20R Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
More results


Similar Description - LC96A1060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
Laser Diode Module
logo
Bookham, Inc.
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
High Speed Switching Diode 400mW
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
High Speed Switching Diode 400mW
logo
Hamamatsu Corporation
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
High-power Laser Diode CW Stack Bar Module
L11398 HAMAMATSU-L11398_15 Datasheet
157Kb / 2P
High-Power QCW Laser Diode Stack Module
L11396 HAMAMATSU-L11396_15 Datasheet
132Kb / 2P
High-Power QCW Laser Diode Stack Module
L8413 HAMAMATSU-L8413_15 Datasheet
110Kb / 2P
High-power Laser Diode CW Single Bar Module
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
High Speed Switching Diode 400mW
More results




About Bookham, Inc.


Bookham, Inc. was a telecommunications equipment company that specialized in the design, development, and manufacturing of optical components and subsystems used in fiber optic communication networks. The company was founded in the UK in 1988 and had its headquarters in San Jose, California.

Bookham's products included optical transceivers, amplifiers, multiplexers, and passive components such as fiber optic couplers, isolators, and filters. The company's products were used in a variety of applications, including telecommunications, data communications, and cable TV networks.

In 2009, Bookham merged with another optical components company, Avanex Corporation, to form a new company called Oclaro, Inc. Oclaro continued to focus on the development of optical components for high-speed communications networks, and in 2018, it was acquired by Lumentum Holdings Inc., a leading provider of photonics products for the telecom, datacom, and consumer markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com