Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX2SA-5V-TH Datasheet (PDF) - Panasonic Semiconductor

TX2SA-5V-TH Datasheet PDF - Panasonic Semiconductor
Part # TX2SA-5V-TH
Download  TX2SA-5V-TH Download
File Size   57.76 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Small size, controlled 7.5A inrush current possible

TX2SA-5V-TH Datasheet (PDF)

Go To PDF Page Download Datasheet
TX2SA-5V-TH Datasheet PDF - Panasonic Semiconductor

Part # TX2SA-5V-TH
Download  TX2SA-5V-TH Click to download

File Size   57.76 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Small size, controlled 7.5A inrush current possible

TX2SA-5V-TH Datasheet (HTML) - Panasonic Semiconductor


TX2SA-5V-TH Product details

FEATURES
1. Small size, controlled 7.5A inrush
current possible
2. 2,000 V breakdown voltage between
contact and coil
The body block construction of the coil
that is sealed at formation offers a high
breakdown voltage of 2,000 V between
contact and coil, and 1,000 V between
open contacts.




Similar Part No. - TX2SA-5V-TH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
More results


Similar Description - TX2SA-5V-TH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
Inrush current limiters
logo
List of Unclassifed Man...
YS1505A ETC2-YS1505A Datasheet
139Kb / 3P
Small and compact size, Built-in Inrush Current Protection
logo
Panasonic Battery Group
TX-TH PANASONICBATTERY-TX-TH Datasheet
62Kb / 4P
Small size, controlled 7.5A inrush current possible
logo
List of Unclassifed Man...
R15A-5-N ETC2-R15A-5-N Datasheet
106Kb / 3P
Built-in Inrush Current Protection Small size and light
logo
Laird Tech Smart Techno...
CMX1211 LSTD-CMX1211 Datasheet
3Mb / 2P
Small size with high current
logo
STMicroelectronics
STNRGPF01 STMICROELECTRONICS-STNRGPF01 Datasheet
1Mb / 40P
Inrush current control
14-Apr-2017
logo
Ningbo songle relay co....
SQ6 SONGLERELAY-SQ6 Datasheet
3Mb / 2P
Small size, high contact current
logo
Rohm
RQ1C075UNHZG ROHM-RQ1C075UNHZG Datasheet
2Mb / 15P
Nch 20V 7.5A Small Signal MOSFET
logo
Renesas Technology Corp
SLG59M1730C RENESAS-SLG59M1730C Datasheet
1Mb / 19P
An Ultra-small 33 mΩ, 1.0 A pFET Load Switch with Controlled Inrush Current Profile
February 14, 2022
SLG59M1736C RENESAS-SLG59M1736C Datasheet
1Mb / 19P
An Ultra-small 33 mΩ, 2.2 A pFET Load Switch with Controlled Inrush Current
3-Feb-2022
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com