Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM5532 Datasheet (PDF) - New Japan Radio

NJM5532 Datasheet PDF - New Japan Radio
Part # NJM5532
Download  NJM5532 Download
File Size   245.9 Kbytes
Page   5 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW-NOISE DUAL OPERATIONAL AMPLIFIER

NJM5532 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM5532 Datasheet PDF - New Japan Radio

Part # NJM5532
Download  NJM5532 Click to download

File Size   245.9 Kbytes
Page   5 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW-NOISE DUAL OPERATIONAL AMPLIFIER

NJM5532 Datasheet (HTML) - New Japan Radio


NJM5532 Product details

■ GENERAL DESCRIPTION ■ PACKAGE OUTLINE
The NJM5532 is a high performance dual low noise operational
amplifier. Compared to the standard dual operational amplifiers,
such as the NJM1458,it shows better noise performance,
improved output drive capability, and considerably higher
small-signal and power bandwidths.
This makes the device especially suitable for application in
high quality and professional audio equipment, instrumentation,
control circuits, and telephone channel amplifiers. The op amp is
internally compensated for gains equal to one if very low noise
is of prime importance, version be used which has guaranteed
NJM5532DD it is recommended that the noise specifications.

■ FEATURES
● Operating Voltage ( ±3V~±20V )
● Small Signal Bandwidth ( 10MHz typ. )
● Output Drive Capability ( 600Ω,10Vrms typ. )
● Input Noise Voltage ( 5nV/√Hz typ. )
● Power Bandwidth ( 140kHz typ. )
● Slew Rate ( 8V/µs typ. )
● Package Outline DIP8,DMP8,SIP8
● Bipolar Technology




Similar Part No. - NJM5532

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM5532 NISSHINBO-NJM5532 Datasheet
281Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
20250306
NJM5532C NISSHINBO-NJM5532C Datasheet
1Mb / 18P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
September 5, 2022 Ver.1.0
NJM5532CG NISSHINBO-NJM5532CG Datasheet
1Mb / 18P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
September 5, 2022 Ver.1.0
logo
New Japan Radio
NJM5532D NJRC-NJM5532D Datasheet
239Kb / 6P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - NJM5532

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com