Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9215 Datasheet (PDF) - NIKO SEMICONDUCTOR CO., LTD.

GS9215 Datasheet PDF - NIKO SEMICONDUCTOR CO., LTD.
Part # GS9215
Download  GS9215 Download
File Size   1061.86 Kbytes
Page   18 Pages
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.
Description High Performance Single Synchronous Buck Converter

GS9215 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9215 Datasheet PDF - NIKO SEMICONDUCTOR CO., LTD.

Part # GS9215
Download  GS9215 Click to download

File Size   1061.86 Kbytes
Page   18 Pages
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.
Description High Performance Single Synchronous Buck Converter

GS9215 Datasheet (HTML) - NIKO SEMICONDUCTOR CO., LTD.


GS9215 Product details

Features
Adjustable Relative Constant on-time for fast
dynamic response
Programmable VOUT range = 0.7V~20V
VIN range = 3V~28V
Wide Output Load Range: 0 to 15A
1% reference accuracy over load and line
Low voltage DC current sense using low-side
RDS _ON_L Sensing or sense resistor
Resistor programmable frequency
Cycle-by-cycle current limit
3-Step Current Limit During Soft-start
Over-voltage/under-voltage fault protection
Low quiescent power dissipation
Power good indicator/ Power save option
Integrated gate drivers with fast transmission
scheme
Enable pin
Over temperature protection(Non-Latch)
TQFN40-5x5 Package
Green Product (RoHS, Lead-Free,
Halogen-Free Compliant)

Applications
Notebook computers
CPU core/IO Supplies
Chip/RAM Supplies

General Description
The GS9215 is small size chip with a relative
constant on-time synchronous buck converter
suitable for applications in notebook computers
and other battery operated portable devices.
Features include very wide input voltage range,
high efficiency and a fast dynamic response with
internal fast response scheme.
The GS9215 have a unique power save mode,
which can save battery power supply by
decreasing frequency when load current falls
down below preset critical current point.
The fast dynamic transient response means that
buck applications based on GS9215 will provide
about 100ns-order response to load when output
voltage falls down or rises up. The frequency will
increase or decrease to meet the change in
output load. Moreover, the GS9215 will take the
same method to regulate the output voltage when
input voltage changes. When transient response
regulated, the controller will maintain a new
steady-state operation. Both the transient
response state and the new state, the GS9215
always has the same on-time.
The GS9215 is suitable for the solutions which
have the output voltage between 0.7V and 20V.
An external setting resistor and output voltage
can set the on-time, duty-cycle and frequency for
the controller. The integrated gate drivers feature
adaptive shoot-through protection, fast signal
transmission. Additional features include current
limit, soft-start, over-voltage and under-voltage
protection, a Power Good flag and soft discharge
upon shutdown. The GS9215 is available in
package TQFN40-5x5.




Similar Part No. - GS9215

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
90WAC-DC Single Output Desktop
logo
Gennum Corporation
GS9000 GENNUM-GS9000 Datasheet
106Kb / 8P
Serial Digital Decoder
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
Serial Digital Decoder
GS9000CCPJ GENNUM-GS9000CCPJ Datasheet
106Kb / 8P
Serial Digital Decoder
GS9000CCTJ GENNUM-GS9000CCTJ Datasheet
106Kb / 8P
Serial Digital Decoder
More results


Similar Description - GS9215

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
3A, 1.25MHz High Performance Synchronous Buck Converter
logo
uPI Group Inc.
UP1952 UPI-UP1952 Datasheet
230Kb / 13P
Single Phase Synchronous-Rectified Buck Converter
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
UP1959 UPI-UP1959 Datasheet
175Kb / 13P
Single Phase Synchronous-Rectified Buck Converter
UP1959T-MD UPI-UP1959T-MD Datasheet
189Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
UP6018P UPI-UP6018P Datasheet
338Kb / 14P
20W High Performance Single Synchronous Step-Up Converter
UP6019 UPI-UP6019 Datasheet
287Kb / 14P
High Performance Single Synchronous Step-Up Converter
UP6020 UPI-UP6020 Datasheet
206Kb / 12P
High Performance,Single Synchronous Step-Up Converter
UP6018Q UPI-UP6018Q Datasheet
707Kb / 14P
20W High Performance Single Synchronous Step-Up Converter
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com