Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC710 Datasheet (PDF) - Mitsubishi Electric Semiconductor

2SC710 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 2SC710
Download  2SC710 Download
File Size   251.47 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR FM AM RADIO HIGH AND MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE

2SC710 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC710 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 2SC710
Download  2SC710 Click to download

File Size   251.47 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FOR FM AM RADIO HIGH AND MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE

2SC710 Datasheet (HTML) - Mitsubishi Electric Semiconductor


2SC710 Product details

DESCRIPTION
Mitsubishi 2SC710 is a resin sealed silicon NPN epitaxial type transistor
designed for high frequency amplify application.

FEATURE
OUTLINE DRAWING Unit:mm
5.6МА
High gain 10.7MHz, MAG=45dB typ
Low noise figure 10.7MHz, NF=3.0dB typ
Small package
Low yre 10.7MHz, yre=-J0.11mS typ

APPLICATION
High frequency oscillating, mix, frequency exchange and medium frequency
amplifier of FM radio, AM radio.




Similar Part No. - 2SC710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC710 ETC1-2SC710 Datasheet
192Kb / 3P
TRANSISTOR
More results


Similar Description - 2SC710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5621 ETC-2SC5621 Datasheet
133Kb / 5P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SC5636 ISAHAYA-2SC5636 Datasheet
88Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5634 ISAHAYA-2SC5634 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5635 ISAHAYA-2SC5635 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5726 ISAHAYA-2SC5726 Datasheet
46Kb / 2P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3053 ISAHAYA-2SC3053 Datasheet
319Kb / 5P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3053 ISAHAYA-2SC3053_10 Datasheet
247Kb / 6P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC4258 ISAHAYA-2SC4258_10 Datasheet
242Kb / 6P
FOR HIGH FREQUENCY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5384 ISAHAYA-2SC5384_10 Datasheet
252Kb / 6P
For High Frequency Amplify, Medium Frequency Amplify Application Silicon NPN Epitaxial Type Ultra Super Mini
2SC5619 ISAHAYA-2SC5619_13 Datasheet
157Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com