Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17062 Datasheet (PDF) - Belden Inc.

17062 Datasheet PDF - Belden Inc.
Part # 17062
Download  17062 Download
File Size   399.85 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PROFIBUS Data Single-Ended Cordset

17062 Datasheet (PDF)

Go To PDF Page Download Datasheet
17062 Datasheet PDF - Belden Inc.

Part # 17062
Download  17062 Click to download

File Size   399.85 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PROFIBUS Data Single-Ended Cordset

17062 Datasheet (HTML) - Belden Inc.


17062 Product details

Product Description
PROFIBUS Data Single-Ended Cordset: M12 Standard, male, straight, 5-pin, B-coded, shielded, black body, 50 V AC / 60 V DC, 4 A; PUR violet cable,
2-wires, 0.34 mm²




Similar Part No. - 17062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706200 PHOENIX-1706200 Datasheet
45Kb / 1P
MC 0,5/ 7-G-2,54 P20THRR44C2
1706201 PHOENIX-1706201 Datasheet
152Kb / 7P
Printed-circuit board connector - MC 0,5/ 6-G-2,54 P20THRR44C2
1706203 PHOENIX-1706203 Datasheet
152Kb / 7P
Printed-circuit board connector - MC 0,5/ 5-G-2,54 P20THRR44C2
1706204 PHOENIX-1706204 Datasheet
525Kb / 11P
MC 0,5/ 4-G-2,54 P20THRR24C2 - PCB header
1706206 PHOENIX-1706206 Datasheet
192Kb / 5P
IDC 0,3/ 5-3,81
More results


Similar Description - 17062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300610046 MOLEX11-1300610046 Datasheet
29Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 3 Poles,
1300610073 MOLEX11-1300610073 Datasheet
28Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 3 Poles
1300610080 MOLEX11-1300610080 Datasheet
29Kb / 1P
Mini-Change A-Size Single-Ended Cordset
1300610150 MOLEX11-1300610150 Datasheet
29Kb / 1P
Mini-Change1 A-Size Single-Ended Cordset, 4 Poles
1300610168 MOLEX11-1300610168 Datasheet
28Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 4 Poles,
1300610218 MOLEX11-1300610218 Datasheet
28Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 3 Poles
1200060241 MOLEX-1200060241 Datasheet
29Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 3 Poles
1200062799 MOLEX-1200062799 Datasheet
29Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 5 Poles
1200271409 MOLEX-1200271409 Datasheet
32Kb / 2P
Nano-Change (M8) Single-Ended Cordset, 3 Poles, Female
1200720188 MOLEX-1200720188 Datasheet
29Kb / 2P
Micro-Change Single-Ended Cordset, 3 Poles, Female
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com