Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18709 Datasheet (PDF) - Atom Lighting

18709 Datasheet PDF - Atom Lighting
Part # 18709
Download  18709 Download
File Size   837.28 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9425 (PAR38)

18709 Datasheet (PDF)

Go To PDF Page Download Datasheet
18709 Datasheet PDF - Atom Lighting

Part # 18709
Download  18709 Click to download

File Size   837.28 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9425 (PAR38)

18709 Datasheet (HTML) - Atom Lighting


18709 Product details

Description
15W PAR38 LED LAMP E27 WW NON-DIM




Similar Part No. - 18709

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
18709 FESTO-18709 Datasheet
70Kb / 1P
Plug socket
logo
PHOENIX CONTACT
1870909 PHOENIX-1870909 Datasheet
121Kb / 4P
PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm
1870912 PHOENIX-1870912 Datasheet
50Kb / 3P
PCB terminal block - ZFKKDSA 1,5-6,08 BK
1870925 PHOENIX-1870925 Datasheet
42Kb / 2P
PCB terminal block - ZFKKDS 1,5-5,08 BK
1870938 PHOENIX-1870938 Datasheet
59Kb / 5P
PCB terminal block - MKKDSG 3/ 2 BK
More results


Similar Description - 18709

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAR38X-018-3000 ETC2-PAR38X-018-3000 Datasheet
296Kb / 5P
18W PAR38 7 LEDs High Power LED Lamp
logo
BetLux Electronics
TLL-PAR38-061 BETLUX-TLL-PAR38-061 Datasheet
37Kb / 1P
Spot Lamp Series PAR38
REV NO: V.1
logo
Monolithic Power System...
EV4026-J-00B MPS-EV4026-J-00B Datasheet
1,008Kb / 14P
Universal Input, 20W Primary-side-control with Active PFC Offline WLED Driver Evaluation Board for PAR38 Bulb
logo
Satco Products, Inc.
S7201 SATCO-S7201 Datasheet
131Kb / 1P
23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7202 SATCO-S7202 Datasheet
131Kb / 1P
23 watt; PAR38 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7279 SATCO-S7279 Datasheet
132Kb / 1P
23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 2-pack
S7432 SATCO-S7432 Datasheet
133Kb / 1P
23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 230 volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com