Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCK-1605EE1616 Datasheet (PDF) - Microchip Technology

BCK-1605EE1616 Datasheet PDF - Microchip Technology
Part # BCK-1605EE1616
Download  BCK-1605EE1616 Download
File Size   4613.37 Kbytes
Page   598 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description tinyAVR® 1-series

BCK-1605EE1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCK-1605EE1616 Datasheet PDF - Microchip Technology

Part # BCK-1605EE1616
Download  BCK-1605EE1616 Click to download

File Size   4613.37 Kbytes
Page   598 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description tinyAVR® 1-series

BCK-1605EE1616 Datasheet (HTML) - Microchip Technology


BCK-1605EE1616 Product details

Features
• CPU
– AVR® CPU
– Running at up to 20 MHz
– Single-cycle I/O access
– Two-level interrupt controller
– Two-cycle hardware multiplier
• Memories
– 16 KB In-system self-programmable Flash memory
– 256 bytes EEPROM
– 2 KB SRAM
– Write/erase endurance:
• Flash 10,000 cycles
• EEPROM 100,000 cycles
– Data retention:
• 40 years at 55°C
• System
– Power-on Reset (POR)
– Brown-out Detector (BOD)
– Clock options:
• 16/20 MHz low-power internal RC oscillator
• 32.768 kHz Ultra Low-Power (ULP) internal RC oscillator
• 32.768 kHz external crystal oscillator
• External clock input
– Single-pin Unified Program and Debug Interface (UPDI)
– Three sleep modes:




Similar Part No. - BCK-1605EE1616

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
BCK-200B SYSTEMSENSOR-BCK-200B Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
More results


Similar Description - BCK-1605EE1616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP1H40ETR VISHAY-FCSP1H40ETR Datasheet
87Kb / 5P
FlipKY®, 1 A
26-Aug-08
logo
ATMEL Corporation
AVR125 ATMEL-AVR125 Datasheet
174Kb / 11P
ADC of tinyAVR in Single Ended Mode Up to 10bit resolution
ATTINY40 ATMEL-ATTINY40_14 Datasheet
5Mb / 204P
8-bit Atmel tinyAVR Microcontroller
logo
Vishay Siliconix
VS-1EFH01HM3 VISHAY-VS-1EFH01HM3 Datasheet
114Kb / 6P
Hyperfast Rectifier, 1 A FRED Pt®
28-Jun-16
VS-1EFH02-M3 VISHAY-VS-1EFH02-M3 Datasheet
113Kb / 6P
Hyperfast Rectifier, 1 A FRED Pt®
28-Jun-16
VS-1EFU06HM3 VISHAY-VS-1EFU06HM3 Datasheet
113Kb / 6P
Ultrafast Rectifier, 1 A FRED Pt®
22-Jan-16
logo
Microchip Technology
ATTINY1624 MICROCHIP-ATTINY1624 Datasheet
3Mb / 522P
tinyAVR® 2 Family
Rev.A - 07/2020
logo
Advantech Co., Ltd.
GPIO ADVANTECH-GPIO Datasheet
1Mb / 2P
1-wire® bus security module
16-Sep-2011
logo
Vishay Siliconix
VS-1EAH02HM3 VISHAY-VS-1EAH02HM3 Datasheet
195Kb / 7P
Ultrafast Rectifier, 1 A FRED Pt®
18-Jan-2023
logo
Lapp.
61825170 LAPP-61825170 Datasheet
162Kb / 2P
SILVYN® RKS 1
03.07.2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com