Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4C201 Datasheet (PDF) - Solid State Inc

AD4C201 Datasheet PDF - Solid State Inc
Part # AD4C201
Download  AD4C201 Download
File Size   311.04 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Blocking Voltage (600V)

AD4C201 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4C201 Datasheet PDF - Solid State Inc

Part # AD4C201
Download  AD4C201 Click to download

File Size   311.04 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Blocking Voltage (600V)

AD4C201 Datasheet (HTML) - Solid State Inc


AD4C201 Product details

Description
The AD4C201 is a bi-directional, double-pole, single-throw,
normally open MOSFET output solid-state relay. This
device offers two discrete and independently controlled
optically isolated SSRs in one miniature 8 pin package.
Each discrete relay consists of an infrared LED, optically
coupled to a Photo Diode Array, which in turn drives a pair
of back-to-back enhancement MOSFETs. Its high blocking
voltage (600V) and the integration of two devices in one
package make the AD4C201 ideal in high load voltage
applications where board space is limited.

Features
 High Blocking Voltage (600V)
 Low Input Control Current (2.5mA TYP)
 150mA Maximum Continuous Load Current
 Low On Resistance (17 TYP)
 High Isolation Voltage (3.75kVRMS, Optional 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 EMR Replacement
 Meter Reading Systems
 Medical Equipment
 Battery Monitoring
 Multiplexers




Similar Part No. - AD4C201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
High Blocking Voltage (600V)
More results


Similar Description - AD4C201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
High Blocking Voltage
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com