Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD7120 Datasheet (PDF) - Leadtrend Technology

YD7120 Datasheet PDF - Leadtrend Technology
Part # YD7120
Download  YD7120 Download
File Size   343.0 Kbytes
Page   8 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Single Synchronous Buck PWM Controller

YD7120 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD7120 Datasheet PDF - Leadtrend Technology

Part # YD7120
Download  YD7120 Click to download

File Size   343.0 Kbytes
Page   8 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Single Synchronous Buck PWM Controller

YD7120 Datasheet (HTML) - Leadtrend Technology


YD7120 Product details

General Description
The LD7120 is a single PWM controller designed to drive
N-channel MOSFET in a synchronous buck topology. The IC
integrates the controller, output adjustment, monitoring, and
protection functions in a single 8-pin package.

The LD7120 provides simple, single feedback loop, voltage
mode controller with fast transient response. Internal 0.8V
temperature-compensated reference voltage is designed to
meet low output voltage for further applications. A fixed
300KHz frequency oscillator reduces design complexity,
while balancing typical application cost and efficiency.
The LD7120 features over current protection. The output
current is monitored by sensing the voltage drop across the
MOSFET RDS(ON), which eliminates the need for a current
sensing resistor.

Features
• Operates from 5V
• Drives Two N-channel MOSFETs
• Fixed 300KHz Constant Switching Frequency
• Full 0~100% Duty-cycle
• Programmable Over Current Protection
• Internal Soft-start
• Fast Transient Response
• Under-voltage Lockout

Applications
• Motherboard
• Graphic Cards
• 5V Input DC/DC Converter
• Memory Supplies
• Cable Modem, Set Top Box and DSL Modems
• DSP and Core Communications Processor Supplies




Similar Part No. - YD7120

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
List of Unclassifed Man...
YD7231 ETC1-YD7231 Datasheet
55Kb / 3P
TV VERTICAL POWER OUTPUT CIRCUIT
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
YD7312 YOUDA-YD7312 Datasheet
80Kb / 3P
DUAL RECORDING/PLAYBACK PREAMPLIFIER CIRCUIT WITH ALC
More results


Similar Description - YD7120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
Single Synchronous Buck PWM Controller
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
Single Synchronous Buck PWM Controller
October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com