Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106624 Datasheet (PDF) - Belden Inc.

106624 Datasheet PDF - Belden Inc.
Part # 106624
Download  106624 Download
File Size   519.11 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description AS-Interface Data Double-Ended Cordset

106624 Datasheet (PDF)

Go To PDF Page Download Datasheet
106624 Datasheet PDF - Belden Inc.

Part # 106624
Download  106624 Click to download

File Size   519.11 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description AS-Interface Data Double-Ended Cordset

106624 Datasheet (HTML) - Belden Inc.


106624 Product details

Product Description
AS-Interface Data Double-Ended Cordset: Male straight A-coded orange M12 Standard to female straight A-coded orange M12 Standard, 50 V AC / 60 V DC,
4 A; TPU orange cable, 4-wires, 0.50 mm²




Similar Part No. - 106624

ManufacturerPart #DatasheetDescription
logo
Heyco.
10662 HEYCO-10662 Datasheet
67Kb / 1P
Nylon PCB Supports - Screw and Lock
logo
SICK AG
1066207 SICK-1066207 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
1066208 SICK-1066208 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
logo
PHOENIX CONTACT
1066259 PHOENIX-1066259 Datasheet
180Kb / 3P
VL 2000/3000 240 GB SSD KIT - Memory
logo
SICK AG
1066272 SICK-1066272 Datasheet
571Kb / 6P
BAR CODE SCANNERS
2017-03-21
More results


Similar Description - 106624

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342DT19BGD-300I GSI-GS8342DT19BGD-300I Datasheet
507Kb / 29P
Dual Double Data Rate interface
GS8342Q07BGD-357I GSI-GS8342Q07BGD-357I Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS8662Q10BD-250I GSI-GS8662Q10BD-250I Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS81302D37E-450I GSI-GS81302D37E-450I Datasheet
517Kb / 31P
Dual Double Data Rate interface
GS82582QT19GE-375I GSI-GS82582QT19GE-375I Datasheet
437Kb / 25P
Dual Double Data Rate interface
GS8342Q10BGD-300 GSI-GS8342Q10BGD-300 Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS81302D38E-400 GSI-GS81302D38E-400 Datasheet
515Kb / 31P
Dual Double Data Rate interface
GS8342QT37BD-357I GSI-GS8342QT37BD-357I Datasheet
503Kb / 29P
Dual Double Data Rate interface
GS81302DT19GE-333 GSI-GS81302DT19GE-333 Datasheet
513Kb / 30P
Dual Double Data Rate interface
logo
Pepperl+Fuchs Inc.
VAA-4E4A-KE2-DK PF-VAA-4E4A-KE2-DK Datasheet
266Kb / 2P
AS-Interface data coupler
2020-02-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com