Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSTS8Y-RSTS8Y-922 Datasheet (PDF) - Belden Inc.

RSTS8Y-RSTS8Y-922 Datasheet PDF - Belden Inc.
Part # RSTS8Y-RSTS8Y-922
Download  RSTS8Y-RSTS8Y-922 Download
File Size   398.94 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Double-Ended Cordset

RSTS8Y-RSTS8Y-922 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSTS8Y-RSTS8Y-922 Datasheet PDF - Belden Inc.

Part # RSTS8Y-RSTS8Y-922
Download  RSTS8Y-RSTS8Y-922 Click to download

File Size   398.94 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fast Ethernet Cat5e Data Double-Ended Cordset

RSTS8Y-RSTS8Y-922 Datasheet (HTML) - Belden Inc.


RSTS8Y-RSTS8Y-922 Product details

Product Description
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight Y-coded black M12 Hybrid to male straight Y-coded black M12 Hybrid, shielded, 50 V AC/ DC,
Power: 6 A; Data: 0.5 A; PUR black cable, 8-wires, Data: 4x0.15 mm² + Power: 4x0.75 mm²




Similar Part No. - RSTS8Y-RSTS8Y-922

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSTS8Y-RKHS8Y-922 BELDEN-RSTS8Y-RKHS8Y-922 Datasheet
601Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
RSTS8Y-RKTS8Y-922 BELDEN-RSTS8Y-RKTS8Y-922 Datasheet
576Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results


Similar Description - RSTS8Y-RSTS8Y-922

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080039 MOLEX11-1201080039 Datasheet
157Kb / 2P
Micro-Change짰 Double-Ended Cordset, Straight, Male to Male
1200020481 MOLEX-1200020481 Datasheet
34Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200020482 MOLEX-1200020482 Datasheet
34Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200060049 MOLEX-1200060049 Datasheet
29Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200060051 MOLEX-1200060051 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles
1200988052 MOLEX-1200988052 Datasheet
24Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201090003 MOLEX-1201090003 Datasheet
28Kb / 1P
Ultra-Lock (M12) to RJ-45 Industrial Ethernet Double-Ended Cordset, Female
1202440200 MOLEX-1202440200 Datasheet
23Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
1202440204 MOLEX-1202440204 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Double-Ended Cordset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com