Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT9421WW Datasheet (PDF) - Atom Lighting

AT9421WW Datasheet PDF - Atom Lighting
Part # AT9421WW
Download  AT9421WW Download
File Size   1136.7 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description 4.8W and 6W Frosted and Clear Dimmable Candle Lamps

AT9421WW Datasheet (PDF)

Go To PDF Page Download Datasheet
AT9421WW Datasheet PDF - Atom Lighting

Part # AT9421WW
Download  AT9421WW Click to download

File Size   1136.7 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description 4.8W and 6W Frosted and Clear Dimmable Candle Lamps

AT9421WW Datasheet (HTML) - Atom Lighting


AT9421WW Product details

Features
- Instant light
- Long life
- No Mercury content
- High CRI reflecting colours accurately

Description
AT9421: 6W Dimmable Candle Lamp - Frosted.
AT9471: 4.8W Dimmable Candle Lamp - Clear.




Similar Part No. - AT9421WW

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
AT9423 ATOM-AT9423 Datasheet
1Mb / 2P
5.1W, 8.3W, 9.4W and 9.8W Frosted and clear GLS Lamps
05.11.19
AT9423BC ATOM-AT9423BC Datasheet
1Mb / 2P
5.1W, 8.3W, 9.4W and 9.8W Frosted and clear GLS Lamps
05.11.19
AT9423CW ATOM-AT9423CW Datasheet
1Mb / 2P
5.1W, 8.3W, 9.4W and 9.8W Frosted and clear GLS Lamps
05.11.19
AT9423DL ATOM-AT9423DL Datasheet
1Mb / 2P
5.1W, 8.3W, 9.4W and 9.8W Frosted and clear GLS Lamps
05.11.19
AT9423ES ATOM-AT9423ES Datasheet
1Mb / 2P
5.1W, 8.3W, 9.4W and 9.8W Frosted and clear GLS Lamps
05.11.19
More results


Similar Description - AT9421WW

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-6305A QT-HLMP-6305A Datasheet
39Kb / 4P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMPQ150AGR FAIRCHILD-HLMPQ150AGR Datasheet
524Kb / 6P
DIFFUSED AND CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Fairchild Semiconductor
HLMPQ155A FAIRCHILD-HLMPQ155A Datasheet
520Kb / 6P
SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMPQ155AGR FAIRCHILD-HLMPQ155AGR Datasheet
520Kb / 6P
SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
List of Unclassifed Man...
BUBOE27160WF05 ETC2-BUBOE27160WF05 Datasheet
1Mb / 8P
6W Non Dimmable Light Bulb
logo
Fairchild Semiconductor
HLMP6305AZR FAIRCHILD-HLMP6305AZR Datasheet
111Kb / 5P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMPQ106AYR FAIRCHILD-HLMPQ106AYR Datasheet
111Kb / 5P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
Dimmable LED based lamps
Rev. 1-23 May 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com