Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV170 Datasheet (PDF) - Pan Jit International Inc.

BAV170 Datasheet PDF - Pan Jit International Inc.
Part # BAV170
Download  BAV170 Download
File Size   96.26 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES

BAV170 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV170 Datasheet PDF - Pan Jit International Inc.

Part # BAV170
Download  BAV170 Click to download

File Size   96.26 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES

BAV170 Datasheet (HTML) - Pan Jit International Inc.


BAV170 Product details

VOLTAGE 100 Volt POWER 250mWatt

FEATURES
• Suface mount package ideally suited for automatic insertion.
• Very low leakage current. 2pA typical at VR=75V.
• Low capacitance. 2pF max at VR=0V, f=1MHz
• Lead free in compliance with EU RoHS 2011/65/EU directive

MECHANICAL DATA
• Case: SOT-23 plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx weight: 0.0003 ounces, 0.084 grams
• Marking: BAS116: PA
                 BAW156: P4
                 BAV170: P3
                 BAV199: PB




Similar Part No. - BAV170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV170 PHILIPS-BAV170 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV170 SIEMENS-BAV170 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low leakage applications Medium speed switching times Common cathode)
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAV170 INFINEON-BAV170 Datasheet
454Kb / 4P
Silicon Low Leakage Diode Array
Mar-10-2004
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
349Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30234 Rev. 8 - 2
More results


Similar Description - BAV170

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW Datasheet
146Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
logo
Central Semiconductor C...
CMSD6001 CENTRAL-CMSD6001 Datasheet
672Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS116-AU PANJIT-BAS116-AU Datasheet
335Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com