Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

114992262 Datasheet (PDF) - AG Electronica

114992262 Datasheet PDF - AG Electronica
Part # 114992262
Download  114992262 Download
File Size   418.68 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-130 CÁMARA 130 ° FOV PARA JETSON NANO

114992262 Datasheet (PDF)

Go To PDF Page Download Datasheet
114992262 Datasheet PDF - AG Electronica

Part # 114992262
Download  114992262 Click to download

File Size   418.68 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-130 CÁMARA 130 ° FOV PARA JETSON NANO

114992262 Datasheet (HTML) - AG Electronica


114992262 Product details

DESCRIPCIÓN:
Esta es una cámara de 8 megapíxeles con un FOV (campo de visión) de 130 grados, que es adecuada para usar con los kits de desarrollo NVIDIA Jetson Nano y NVIDIA Jetson Xavier NX.




Similar Part No. - 114992262

ManufacturerPart #DatasheetDescription
logo
AG Electronica
114992260 AGELECTRONICA-114992260 Datasheet
329Kb / 2P
IMX219-77 CÁMARA 77 ° FOV PARA JETSON NANO
14/11/2022
114992263 AGELECTRONICA-114992263 Datasheet
418Kb / 2P
IMX219-160 CÁMARA 160 ° FOV PARA JETSON NANO
14/11/2022
114992265 AGELECTRONICA-114992265 Datasheet
420Kb / 2P
IMX219-200 CAMERA 200 ° FOV PARA JETSON NANO
14/11/2022
More results


Similar Description - 114992262

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0558830490 MOLEX7-0558830490 Datasheet
338Kb / 5P
3.30mm (.130
logo
WILLAS ELECTRONIC CORP
BSS84LT1 WILLAS-BSS84LT1 Datasheet
324Kb / 4P
130 mAmps, 50 Volts
BSS84WT1 WILLAS-BSS84WT1 Datasheet
318Kb / 4P
130 mAmps, 50 Volts
logo
KR Electronics, Inc.
2827-130 KR-2827-130 Datasheet
50Kb / 3P
130 KHz Lowpass
3190-130 KR-3190-130 Datasheet
64Kb / 3P
130 MHz Bandpass Filter
logo
Leshan Radio Company
LBSS84DW1T1G LRC-LBSS84DW1T1G_15 Datasheet
569Kb / 5P
Power Mosfet 130 mAmps
LBSS84LT1G LRC-LBSS84LT1G_15 Datasheet
145Kb / 4P
Power MOSFET 130 mAmps
logo
XP Power Limited
ECS65US12 XPPOWER-ECS65US12 Datasheet
673Kb / 5P
65/100/130 Watts
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
HW-130 Programmer
logo
PHOENIX CONTACT
2988803 PHOENIX-2988803 Datasheet
60Kb / 4P
Controller - ILC 130 ETH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com