Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9006A Datasheet (PDF) - Richtek Technology Corporation

RT9006A Datasheet PDF - Richtek Technology Corporation
Part # RT9006A
Download  RT9006A Download
File Size   201.35 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual LDO Regulator with Reset Function

RT9006A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9006A Datasheet PDF - Richtek Technology Corporation

Part # RT9006A
Download  RT9006A Click to download

File Size   201.35 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual LDO Regulator with Reset Function

RT9006A Datasheet (HTML) - Richtek Technology Corporation


RT9006A Product details

General Description
The RT9006A/B is an efficient, precise dual-channel CMOS LDO regulator optimized for ultra-low-quiescent applications. Regulators output1 and output2 are capable of sourcing 300mA and 500mA of output current.

Features
• Low Quiescent Current (Typically 70μA)
• Wide Operating Voltage Ranges : 2.8V to 5.5V for RT9006A
• Wide Operating Voltage Ranges : 2.5V to 5.5V for RT9006B
• Ultra-Fast Transient Response
• Tight Load and Line Regulation
• Current Limiting Protection
• Thermal Shutdown Protection
• Only low-ESR Ceramic Capacitors Required for Stability
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CD/DVD-ROM, CD/RW
• Wireless LAN Card/Keyboard/Mouse
• Battery-Powered Equipment
• XDSL Router




Similar Part No. - RT9006A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
More results


Similar Description - RT9006A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
Dual LDO with Microcontroller RESET Function
2005
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
LDO Regulator with Reset
R5511X RICOH-R5511X Datasheet
490Kb / 17P
LDO REGULATOR with RESET
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
300mA CMOS LDO with RESET Function
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
Dual LDO with Microcontroller RESET Function
01/02/08
logo
Advanced Power Electron...
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com