Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4C211-L Datasheet (PDF) - Solid State Inc

AD4C211-L Datasheet PDF - Solid State Inc
Part # AD4C211-L
Download  AD4C211-L Download
File Size   218.69 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Current limiting (ov er-current protection)

AD4C211-L Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4C211-L Datasheet PDF - Solid State Inc

Part # AD4C211-L
Download  AD4C211-L Click to download

File Size   218.69 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Current limiting (ov er-current protection)

AD4C211-L Datasheet (HTML) - Solid State Inc


AD4C211-L Product details

DESCRIPTION
The AD4C211-L is a bi-directional, double-pole, single-throw, normally open multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of two integrated circuits, each driving a pair of
rugged source-to-source enhancement type DMOS transistors. Each integrated circuit is optically coupled to a light emitting diode. This
device also includes current-limiting circuitry. During increased load currents or transient current spikes, this circuitry acts to bring the
current down, protecting downstream components.

APPLICATIONS
• Multiplexers
• Meter reading systems
• Data Acquisition
• Medical equipment
• Battery monitoring
• Home/Safety security systems

FEATURES
Current limiting (ov • er-current protection)
• Low input control power consumption (1.5mA TYP)
• 140mA maximum continuous load current
• 25 ohms maximum on-resistance
• High input-to-output isolation
• Long life/high reliability




Similar Part No. - AD4C211-L

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L Datasheet
214Kb / 5P
Dual 1 Form A Solid State Relay
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
Current limiting (over-current protection)
More results


Similar Description - AD4C211-L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
Current Limiting and Thermal Protection Battery Chargers
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
Current limiting (over-current protection)
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
Current limiting ??(over-current protection)
M221-L SSOUSA-M221-L_15 Datasheet
177Kb / 5P
Transient ov ??er current protection (170mA TYP)
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
Current Limiting and Thermal Protection
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
Current Limiting and Thermal Protection
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com