Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY8088A Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SY8088A Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SY8088A
Download  SY8088A Download
File Size   4398.79 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator

SY8088A Datasheet (PDF)

Go To PDF Page Download Datasheet
SY8088A Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SY8088A
Download  SY8088A Click to download

File Size   4398.79 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator

SY8088A Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SY8088A Product details

Features

« Supply Voltage Range: 2.5V to 5.5V

» Guaranteed 1A continuous load current

® 2% 0.6V reference

« Cycle-by-cycle peak current limitation

Instant PWM architecture to achieve fast transient
responses Internal softstart limits the inrush current

Current Limiting Protection

Low RDS(ON) for internal switches
(top/bottom):300/200 mQ

« Fixed 1.5MHz Switching Frequency

o Efficiency Up to 95%

« RoHS and Halogen free compliance

Compact package: SOT23-5




Similar Part No. - SY8088A

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY8088AAC SILERGY-SY8088AAC Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
More results


Similar Description - SY8088A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
Silergy Corp.
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
SY8008A SILERGY-SY8008A Datasheet
203Kb / 5P
High Efficiency 1.5MHz, 0.6A/1A/1.2A Synchronous Step Down Regulator Preliminary Spec
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com