Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC547B Datasheet (PDF) - Pan Jit International Inc.

BC547B Datasheet PDF - Pan Jit International Inc.
Part # BC547B
Download  BC547B Download
File Size   160.26 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE TRANSISTOR

BC547B Datasheet (PDF)

Go To PDF Page Download Datasheet
BC547B Datasheet PDF - Pan Jit International Inc.

Part # BC547B
Download  BC547B Click to download

File Size   160.26 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE TRANSISTOR

BC547B Datasheet (HTML) - Pan Jit International Inc.


BC547B Product details

VOLTAGE 30V/45V/65V POWER 625 mWatts

FEATURES
• NPN epitaxial silicon, planar design
• Collector current IC = 100mA
• Complimentary (PNP) device:BC556,BC557,BC558 Series
• Pb free product :99% Sn above can meet RoHS environment substance directive request




Similar Part No. - BC547B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC547B MOTOROLA-BC547B Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC547B ONSEMI-BC547B Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC547B PHILIPS-BC547B Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Siemens Semiconductor G...
BC547B SIEMENS-BC547B Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC547B FAIRCHILD-BC547B Datasheet
26Kb / 2P
NPN General Purpose Amplifier
More results


Similar Description - BC547B

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com