Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3069953 Datasheet (PDF) - PHOENIX CONTACT

3069953 Datasheet PDF - PHOENIX CONTACT
Part # 3069953
Download  3069953 Download
File Size   295.01 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-3/14S - Test plug

3069953 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069953 Datasheet PDF - PHOENIX CONTACT

Part # 3069953
Download  3069953 Click to download

File Size   295.01 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-3/14S - Test plug

3069953 Datasheet (HTML) - PHOENIX CONTACT


3069953 Product details

Test plug, nom. voltage: 400 V, nominal current: 20 A, number of positions: 14, Rated cross
section: 2.5 mm2, color: gray




Similar Part No. - 3069953

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069952 PHOENIX-3069952 Datasheet
293Kb / 7P
FTP-3/12S - Test plug
3069954 PHOENIX-3069954 Datasheet
288Kb / 7P
FTPR-3/4S - Test plug
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
More results


Similar Description - 3069953

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BPT-14S DBLECTRO-BPT-14S Datasheet
86Kb / 1P
BPT-14S
logo
Pomona Electronics
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
logo
Weidmuller
0293800000 WEIDMULLER-0293800000 Datasheet
50Kb / 1P
Modular terminal, accessories, Test plug
logo
Rosenberger Hochfrequen...
98W003-000 ROSENBERGER-98W003-000 Datasheet
96Kb / 1P
TEST LASER EV-3
logo
Hubbell Incorporated.
PREMISE_C6AFTPSPY HUBBELL-PREMISE_C6AFTPSPY Datasheet
231Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
3069957 PHOENIX-3069957 Datasheet
179Kb / 14P
Test plug - FTPR-3/14S
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com