Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1252178 Datasheet (PDF) - PHOENIX CONTACT

1252178 Datasheet PDF - PHOENIX CONTACT
Part # 1252178
Download  1252178 Download
File Size   200.86 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSTD 0,65X0,65/9-3IS-2,54 - Pin strip

1252178 Datasheet (PDF)

Go To PDF Page Download Datasheet
1252178 Datasheet PDF - PHOENIX CONTACT

Part # 1252178
Download  1252178 Click to download

File Size   200.86 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSTD 0,65X0,65/9-3IS-2,54 - Pin strip

1252178 Datasheet (HTML) - PHOENIX CONTACT


1252178 Product details

Pin strip, color: black, nominal current: 3 A (per contact), rated voltage (III/2): 100 V, contact
connection type: Pin, number of potentials: 9, number of rows: 1, number of positions: 9, number
of connections: 9, pitch: 2.54 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 2.5 mm, locking: without, type of packaging: packed in cardboard




Similar Part No. - 1252178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1252173 PHOENIX-1252173 Datasheet
285Kb / 10P
HBUS8 107,6-8P-1S BK - DIN rail bus connectors
1252176 PHOENIX-1252176 Datasheet
178Kb / 4P
HBUS8-B SET BK - Protective cap
1252179 PHOENIX-1252179 Datasheet
195Kb / 6P
PSTD 0,65X0,65/9-1-H-2,54 - Pin strip
More results


Similar Description - 1252178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799364 PHOENIX-2799364 Datasheet
97Kb / 3P
Passive RS-485 T-distributor, fitted with one 9-pin D-SUB pin strip and five 9-pin D-SUB socket strips
1012273 PHOENIX-1012273 Datasheet
315Kb / 13P
MCC 0,5/ 9-ST-2,54
1027611 PHOENIX-1027611 Datasheet
1Mb / 13P
DMCC 0,5/ 9-ST-2,54
1888276 PHOENIX-1888276 Datasheet
136Kb / 7P
PCB terminal block - FFKDSA1/V-2,54- 9
1717327 PHOENIX-1717327 Datasheet
65Kb / 4P
Pin strip - PST 1,3/ 9-H-5,0
1933257 PHOENIX-1933257 Datasheet
86Kb / 5P
Pin strip - PST 1,3/ 9-5,0
1995541 PHOENIX-1995541 Datasheet
93Kb / 4P
Pin strip - PST 1,0/ 9-3,5 R56
1706160 PHOENIX-1706160 Datasheet
45Kb / 1P
MCV 0,5/ 9-G-2,54 P20THRR56C2
1706198 PHOENIX-1706198 Datasheet
45Kb / 1P
MC 0,5/ 9-G-2,54 P20THRR44C2
1700211 PHOENIX-1700211 Datasheet
416Kb / 11P
PCB terminal block - FFKDSA1/H-2,54- 9
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com