Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2201313 Datasheet (PDF) - PHOENIX CONTACT

2201313 Datasheet PDF - PHOENIX CONTACT
Part # 2201313
Download  2201313 Download
File Size   186.44 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BC 71,6 PLATE KMGY - Insertion plate

2201313 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201313 Datasheet PDF - PHOENIX CONTACT

Part # 2201313
Download  2201313 Click to download

File Size   186.44 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BC 71,6 PLATE KMGY - Insertion plate

2201313 Datasheet (HTML) - PHOENIX CONTACT


2201313 Product details

DIN rail housing for use in distribution boards in accordance with DIN 43880, Insertion plate,
width: 68.3 mm, height: 41.75 mm, depth: 1.5 mm, color: light gray (similar RAL 7035)




Similar Part No. - 2201313

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22013107 MOLEX-22013107 Datasheet
307Kb / 1P
KK 2.54 SR R-R 10CKT 150MM DISC Sn
2021/01/11
22013107 MOLEX-22013107 Datasheet
306Kb / 1P
KK 2.54 SR R-S 10CKT 150MM DISC Sn
2021/01/11
logo
PHOENIX CONTACT
2201316 PHOENIX-2201316 Datasheet
1Mb / 8P
ME MAX 17,5 3-3 KMGY VPE1 - Electronics housing
2201317 PHOENIX-2201317 Datasheet
1Mb / 8P
ME MAX 17,5 SF G 2-2 KMGY VPE1 - Electronics housing
More results


Similar Description - 2201313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
560959 FESTO-560959 Datasheet
75Kb / 1P
Plate
8/4/22
logo
PHOENIX CONTACT
1340864 PHOENIX-1340864 Datasheet
513Kb / 12P
Upper part of housing - BC 71,6 OT 2P2K00C KMGY
Nov 3, 2022
1335811 PHOENIX-1335811 Datasheet
184Kb / 4P
Housing cover with touch display - BC 71,6 DKL RD2,4 TCG KMGY
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com