Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3270085 Datasheet (PDF) - PHOENIX CONTACT

3270085 Datasheet PDF - PHOENIX CONTACT
Part # 3270085
Download  3270085 Download
File Size   253.47 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTC 2,5-QUATTRO-MT - Knife-disconnect terminal block

3270085 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270085 Datasheet PDF - PHOENIX CONTACT

Part # 3270085
Download  3270085 Click to download

File Size   253.47 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTC 2,5-QUATTRO-MT - Knife-disconnect terminal block

3270085 Datasheet (HTML) - PHOENIX CONTACT


3270085 Product details

Knife-disconnect terminal block, nom. voltage: 400 V, nominal current: 20 A, 1 level, connection
method: Push-in connection, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2,
mounting: NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 3270085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270088 PHOENIX-3270088 Datasheet
559Kb / 28P
Disconnect terminal block - PTC 2,5-TG
More results


Similar Description - 3270085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035043 PHOENIX-3035043 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT RD
3037834 PHOENIX-3037834 Datasheet
135Kb / 14P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT BU
3037892 PHOENIX-3037892 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT OG
3046362 PHOENIX-3046362 Datasheet
67Kb / 6P
Knife disconnect terminal block - UT 2,5-MT
3073050 PHOENIX-3073050 Datasheet
145Kb / 15P
Knife disconnect terminal block - UT 4-QUATTRO-MT BU
3210184 PHOENIX-3210184 Datasheet
204Kb / 26P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB
3210321 PHOENIX-3210321 Datasheet
67Kb / 5P
Knife disconnect terminal block - PT 1,5/S-QUATTRO-MT
3270094 PHOENIX-3270094 Datasheet
77Kb / 5P
Disconnect terminal block - PTC 2,5-QUATTRO-TG
3206487 PHOENIX-3206487 Datasheet
619Kb / 25P
Knife disconnect terminal block - QTC 2,5-MT
3270079 PHOENIX-3270079 Datasheet
547Kb / 25P
Knife disconnect terminal block - PTC 2,5-MT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com