Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273404 Datasheet (PDF) - PHOENIX CONTACT

3273404 Datasheet PDF - PHOENIX CONTACT
Part # 3273404
Download  3273404 Download
File Size   242.79 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 6X2,5-G BN - Distribution block

3273404 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273404 Datasheet PDF - PHOENIX CONTACT

Part # 3273404
Download  3273404 Click to download

File Size   242.79 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 6X2,5-G BN - Distribution block

3273404 Datasheet (HTML) - PHOENIX CONTACT


3273404 Product details

Distribution block, Basic terminal block, nom. voltage: 450 V, nominal current: 24 A, number of
connections: 6, connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2,
mounting type: adhesive, color: brown




Similar Part No. - 3273404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273400 PHOENIX-3273400 Datasheet
893Kb / 36P
Distribution block - PTFIX 6X2,5-G YE
Jun 22, 2022
3273402 PHOENIX-3273402 Datasheet
890Kb / 36P
Distribution block - PTFIX 6X2,5-G GN
Jun 22, 2022
3273406 PHOENIX-3273406 Datasheet
890Kb / 36P
Distribution block - PTFIX 6X2,5-G WH
Jun 16, 2022
3273408 PHOENIX-3273408 Datasheet
889Kb / 36P
Distribution block - PTFIX 6X2,5-G BK
Jun 13, 2022
More results


Similar Description - 3273404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273142 PHOENIX-3273142 Datasheet
79Kb / 6P
Distribution block - PTFIX 6X2,5-NS35A BN
3273340 PHOENIX-3273340 Datasheet
732Kb / 32P
Distribution block - PTFIX 6/6X2,5 BN
Jun 2, 2022
3273274 PHOENIX-3273274 Datasheet
703Kb / 31P
Distribution block - PTFIX 6X2,5 BN
Jun 2, 2022
3273208 PHOENIX-3273208 Datasheet
930Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A BN
Jun 2, 2022
3273010 PHOENIX-3273010 Datasheet
847Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 BN
Jul 6, 2022
3274176 PHOENIX-3274176 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS15A BN
Jun 22, 2022
3273426 PHOENIX-3273426 Datasheet
621Kb / 28P
Distribution block - PTFIX 12X2,5-G BN
Jun 23, 2022
3273470 PHOENIX-3273470 Datasheet
645Kb / 29P
Distribution block - PTFIX 6/6X2,5-G BN
Jun 23, 2022
3273076 PHOENIX-3273076 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 BN
Jun 24, 2022
3274110 PHOENIX-3274110 Datasheet
612Kb / 27P
Distribution block - PTFIX 6X2,5-NS15A BN
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com