Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5250AW Datasheet (PDF) - Pan Jit International Inc.

MMBZ5250AW Datasheet PDF - Pan Jit International Inc.
Part # MMBZ5250AW
Download  MMBZ5250AW Download
File Size   101.49 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODES

MMBZ5250AW Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ5250AW Datasheet PDF - Pan Jit International Inc.

Part # MMBZ5250AW
Download  MMBZ5250AW Click to download

File Size   101.49 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODES

MMBZ5250AW Datasheet (HTML) - Pan Jit International Inc.


MMBZ5250AW Product details

VOLTAGE 4.3 to 51 Volts POWER 200 mWatts



FEATURES

• Planar Die construction

• 200mW Power Dissipation

• Ideally Suited for Automated Assembly Processes

• Pb free product : 99% Sn above can meet RoHS environment substance diective request



MECHANICAL DATA

• Case: SOT-323, Molded Plastic

• Terminals: Solderable per MIL-STD-750, Method 2026

• Polarity: See Diagram Below

• Approx. Weight: 0.0048 grams

• Mounting Position: Any




Similar Part No. - MMBZ5250AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5250AW PANJIT-MMBZ5250AW Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - MMBZ5250AW

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com