Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC-.0015/50V Datasheet (PDF) - AG Electronica

CC-.0015/50V Datasheet PDF - AG Electronica
Part # CC-.0015/50V
Download  CC-.0015/50V Download
File Size   995.68 Kbytes
Page   4 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Ejemplo: CC-.0015/50V Capacitor Cerámico 0.0015uF 50V

CC-.0015/50V Datasheet (PDF)

Go To PDF Page Download Datasheet
CC-.0015/50V Datasheet PDF - AG Electronica

Part # CC-.0015/50V
Download  CC-.0015/50V Click to download

File Size   995.68 Kbytes
Page   4 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Ejemplo: CC-.0015/50V Capacitor Cerámico 0.0015uF 50V

CC-.0015/50V Datasheet (HTML) - AG Electronica


CC-.0015/50V Product details

Aplicaciones:
Para la compensación de temperatura en circuitos de frecuencia y filtros discriminantes, acoplamiento y desacoplamiento en circuitos de alta frecuencia para tener baja pérdidas y tolerancias de capacitancia estrechas como RFI y sistemas de seguridad.




Similar Part No. - CC-.0015/50V

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CC-0221-XXM JMK-CC-0221-XXM Datasheet
140Kb / 1P
designed to provide common mode and differential mode filtering for power supply inputs of computer peripheral and other electronic hardware
logo
Amphenol LTW
CC-02BMFB-QL8APP LTW-CC-02BMFB-QL8APP Datasheet
716Kb / 2P
X-Lok C-Size Field Installable Cable Screw-in Type M Conn
CC-02BMMB-QL8APP LTW-CC-02BMMB-QL8APP Datasheet
678Kb / 2P
X-Lok C-Size Field Installable Cable Screw-in Type M Conn M Pin
2018-03-14
logo
JMK Inc.
CC-0310-10 JMK-CC-0310-10 Datasheet
33Kb / 1P
2,466,608 Hrs @ 30C GB
CC-0310-3 JMK-CC-0310-3 Datasheet
79Kb / 1P
has a wide operating temperature range and is designed to sustain severe shock and vibration environments
More results


Similar Description - CC-.0015/50V

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R71H102K MURATA-GCM155R71H102K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 1nF 50V
GCM155R71H221K MURATA-GCM155R71H221K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 220pF 50V
GCM155R71H223K MURATA-GCM155R71H223K Datasheet
28Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 22nF 50V
GCM155R71H472K MURATA-GCM155R71H472K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 4.7nF 50V
GCM1885C1H152J MURATA-GCM1885C1H152J Datasheet
56Kb / 1P
Chip Monolithic Ceramic Capacitor 0603 C0G 1.5nF 50V
GCM2165C1H332J MURATA-GCM2165C1H332J Datasheet
55Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 C0G 3.3nF 50V
GRM155R71H223K MURATA-GRM155R71H223K Datasheet
27Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 X7R 22nF 50V
GRM1555C1H102J MURATA-GRM1555C1H102J Datasheet
58Kb / 1P
Chip Monolithic Ceramic Capacitor 0402 C0G 1000pF 50V
GRM1857U1H472J MURATA-GRM1857U1H472J Datasheet
56Kb / 1P
Chip Monolithic Ceramic Capacitor 0603 U2J 4700pF 50V
logo
Central Semiconductor C...
PB-CMKT3920_1509 CENTRAL-PB-CMKT3920_1509 Datasheet
1Mb / 2P
50V, 200mA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com