Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YS-4 Datasheet (PDF) - Sumida Corporation

YS-4 Datasheet PDF - Sumida Corporation
Part # YS-4
Download  YS-4 Download
File Size   107.66 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Filter Coils < Pin Type: YS Series>

YS-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
YS-4 Datasheet PDF - Sumida Corporation

Part # YS-4
Download  YS-4 Click to download

File Size   107.66 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Filter Coils < Pin Type: YS Series>

YS-4 Datasheet (HTML) - Sumida Corporation


YS-4 Product details

◆ Product Description
◾ 24.0× 6.1mm Max.(L× W), 8.0mm Max. Height.
◾ Operating frequency:0.1~20MHz
◾ In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements

◆ Feature
◾ Variable and/or fixed shielded type with four single coil combined.
◾ Two built-in chip capacitors are in one coil.
◾ Ideally used as video frequency LC filters for VCR, video cameras, etc. (LPF, BPF, Delay Line and Equalizers).
◾ Superior distortion factor.
◾ RoHS Compliance




Similar Part No. - YS-4

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
YS-401M HUAXINAN-YS-401M Datasheet
340Kb / 6P
Surge Absorbers
YS-471M HUAXINAN-YS-471M Datasheet
340Kb / 6P
Surge Absorbers
More results


Similar Description - YS-4

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
IFT COILS < Pin Type: MG Series>
CFB3-6 SUMIDA-CFB3-6 Datasheet
152Kb / 2P
Filter Coils< SMD Type: CFB Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
IFT COILS < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
YS-3 SUMIDA-YS-3 Datasheet
98Kb / 2P
Filter Coils < Pin Type: YS Series>
TFB-2D SUMIDA-TFB-2D Datasheet
77Kb / 2P
Filter Coils < Pin Type: TFB Series>
TFB-2 SUMIDA-TFB-2 Datasheet
82Kb / 2P
Filter Coils < Pin Type: TFB Series>
FB-7LDG SUMIDA-FB-7LDG Datasheet
84Kb / 2P
Filter Coils < Pin Type: FB Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
IFT Coils < Pin Type: PG Series>
FB-7LG SUMIDA-FB-7LG Datasheet
82Kb / 2P
Filter Coils < Pin Type: FB Series>
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com