Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPA/B/C Datasheet (PDF) - Littelfuse

WPA/B/C Datasheet PDF - Littelfuse
Part # WPA/B/C
Download  WPA/B/C Download
File Size   422.49 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Two-Terminal Surface Mount Resistor

WPA/B/C Datasheet (PDF)

Go To PDF Page Download Datasheet
WPA/B/C Datasheet PDF - Littelfuse

Part # WPA/B/C
Download  WPA/B/C Click to download

File Size   422.49 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Two-Terminal Surface Mount Resistor

WPA/B/C Datasheet (HTML) - Littelfuse


WPA/B/C Product details

Littelfuse WPA/B/C Series is low Ohm current sense resistor,
designed with long stability, durability, excels at heat dissipation.
It is a metal plate construction with low profile.
Description
■ Power rating up to 3 W
■ Tolerance down to ±0.5%
■ Small size
■ High voltage
Features & Benefits
■ Power management
■ Low ESL
Application




Similar Part No. - WPA/B/C

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WPA16A CIT-WPA16A Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
WPA16AX CIT-WPA16AX Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
WPA16Y CIT-WPA16Y Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
WPA16YX CIT-WPA16YX Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
WPA19A CIT-WPA19A Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
More results


Similar Description - WPA/B/C

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
Chip Resistor Surface Mount
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com