Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS1084L-ADJ Datasheet (PDF) - Silicon Supplies

SIS1084L-ADJ Datasheet PDF - Silicon Supplies
Part # SIS1084L-ADJ_V02
Download  SIS1084L-ADJ Download
File Size   231.19 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

SIS1084L-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS1084L-ADJ Datasheet PDF - Silicon Supplies

Part # SIS1084L-ADJ_V02
Download  SIS1084L-ADJ Click to download

File Size   231.19 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

SIS1084L-ADJ Datasheet (HTML) - Silicon Supplies


SIS1084L-ADJ Product details

Features
12V input capability with optimised die size
1.5V dropout voltage maximum at 5A
Internal current limiting & reference trimming
Thermal shutdown
Line & Load Regulation: 0.3% maximum
Full military temperature range.




Similar Part No. - SIS1084L-ADJ_V02

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS1084L-ADJ SS-SIS1084L-ADJ_V01 Datasheet
285Kb / 4P
Linear Voltage Regulator
Rev 1.2 11/05/22
More results


Similar Description - SIS1084L-ADJ_V02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com