Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU-12502 Datasheet (PDF) - Belden Inc.

PDU-12502 Datasheet PDF - Belden Inc.
Part # PDU-12502
Download  PDU-12502 Download
File Size   126.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU SW Unit Disp V Env Upg 230V 16A 2PE (10)LC13(2)LC19

PDU-12502 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDU-12502 Datasheet PDF - Belden Inc.

Part # PDU-12502
Download  PDU-12502 Click to download

File Size   126.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU SW Unit Disp V Env Upg 230V 16A 2PE (10)LC13(2)LC19

PDU-12502 Datasheet (HTML) - Belden Inc.


PDU-12502 Product details

Product Description
PDU, Switched Unit Level Monitoring EC, 16A, 230V, 3.6kW, Vertical, (10) Locking IEC C13, (2) Locking IEC C19, 10ft / 3m power cord with 2P+E (IP44)




Similar Part No. - PDU-12502

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PDU-12512 BELDEN-PDU-12512 Datasheet
137Kb / 2P
PDU SW Unit Disp V Env Upg 230V 32A 2PE (30)LC13(6)
05-31-2024
PDU-12523 BELDEN-PDU-12523 Datasheet
141Kb / 2P
PDU Upg SW OutL EC Disp V Env 230V 16A 2PE (10)LC13(2)LC19
05-31-2024
PDU-12531 BELDEN-PDU-12531 Datasheet
132Kb / 2P
PDU SW Outl Disp V Env Upg 230V 32A 2PE (20)LC13(4)LC19
05-31-2024
More results


Similar Description - PDU-12502

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNH16HVAT TRIPPLITE-PDUMNH16HVAT Datasheet
496Kb / 4P
3.7kW Single-Phase 230V ATS/Monitored PDU, IEC309 16A Blue Outlet, 2 IEC309 16A Blue Inputs, 1U Rack-Mount
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
XB4FKCUST02 SCHNEIDER-XB4FKCUST02 Datasheet
106Kb / 1P
FLUSH ILL SW GR 2POS 230V 1NO 1NC
Sep 29, 2021
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
AP7850 SCHNEIDER-AP7850 Datasheet
67Kb / 2P
Rack PDU, Metered, Zero U, 10A, 230V, (16) C13
Sep 20, 2021
logo
List of Unclassifed Man...
077502 ETC-077502 Datasheet
122Kb / 1P
SOCKET OUTLET MOSAIC - EURO-US - 2PE - 2 MODULES - WHITE
May 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com