Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU-13098 Datasheet (PDF) - Belden Inc.

PDU-13098 Datasheet PDF - Belden Inc.
Part # PDU-13098
Download  PDU-13098 Download
File Size   187.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Mon Unit H Upg 230V 16A 2PE (10)LC13

PDU-13098 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDU-13098 Datasheet PDF - Belden Inc.

Part # PDU-13098
Download  PDU-13098 Click to download

File Size   187.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Mon Unit H Upg 230V 16A 2PE (10)LC13

PDU-13098 Datasheet (HTML) - Belden Inc.


PDU-13098 Product details

Product Description
PDU, Monitored Unit Level EC, 16A, 230V, 3.6kW, Horizontal, (10) Locking IEC C13, 3m power cord with 2P+E (IP44).




Similar Part No. - PDU-13098

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
PDU-1316-.5 DATADELAY-PDU-1316-.5 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
PDU-1316-1 DATADELAY-PDU-1316-1 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
PDU-1316-10 DATADELAY-PDU-1316-10 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
PDU-1316-100 DATADELAY-PDU-1316-100 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
More results


Similar Description - PDU-13098

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNH16HVAT TRIPPLITE-PDUMNH16HVAT Datasheet
496Kb / 4P
3.7kW Single-Phase 230V ATS/Monitored PDU, IEC309 16A Blue Outlet, 2 IEC309 16A Blue Inputs, 1U Rack-Mount
PDU3XVN3G16 TRIPPLITE-PDU3XVN3G16 Datasheet
164Kb / 3P
11kW 3-Phase Monitored PDU, 220/230V (30 C13 & 6 C19), IEC-309 16A Red, 380/400V Input, 3ft Cord, 0U Vertical
PDU3XVN10G16 TRIPPLITE-PDU3XVN10G16 Datasheet
164Kb / 3P
11kW 3-Phase Monitored PDU, 220/230V (30 C13 & 6 C19), IEC-309 16A Red, 380/400V Input, 10ft Cord, 0U Vertical
PDU3XVSR3G16 TRIPPLITE-PDU3XVSR3G16 Datasheet
166Kb / 4P
11kW 3-Phase Switched PDU, 220/230V (21 C13 & 3 C19), IEC-309 16A Red, 380/400V Input, 3ft Cord, 0U Vertical
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
AP7850 SCHNEIDER-AP7850 Datasheet
67Kb / 2P
Rack PDU, Metered, Zero U, 10A, 230V, (16) C13
Sep 20, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com