Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1162 Datasheet (PDF) - TRANSYS Electronics Limited

2SA1162 Datasheet PDF - TRANSYS Electronics Limited
Part # 2SA1162
Download  2SA1162 Download
File Size   69.45 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SA1162 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1162 Datasheet PDF - TRANSYS Electronics Limited

Part # 2SA1162
Download  2SA1162 Click to download

File Size   69.45 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SA1162 Datasheet (HTML) - TRANSYS Electronics Limited


2SA1162 Product details

TRANSISTOR (PNP)

FEATURES
   Power dissipation
      PCM : 150 mW (Tamb=25℃)
   Collector current
      ICM : 150 mA
   Collector-base voltage
      V(BR)CBO : -50 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SA1162

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SA1162 TOSHIBA-2SA1162 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
logo
Galaxy Semi-Conductor H...
2SA1162 BILIN-2SA1162 Datasheet
270Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
104Kb / 3P
Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1162 KEXIN-2SA1162 Datasheet
86Kb / 2P
Silicon PNP Epitaxial Type Transistor
More results


Similar Description - 2SA1162

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com