Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB709A Datasheet (PDF) - TRANSYS Electronics Limited

2SB709A Datasheet PDF - TRANSYS Electronics Limited
Part # 2SB709A
Download  2SB709A Download
File Size   69.05 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SB709A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB709A Datasheet PDF - TRANSYS Electronics Limited

Part # 2SB709A
Download  2SB709A Click to download

File Size   69.05 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SB709A Datasheet (HTML) - TRANSYS Electronics Limited


2SB709A Product details

FEATURES

Power dissipation

  PCM: 0.2 W (Tamb=25℃)

Collector current

  ICM: -0.2 A

Collector-base voltage

  V(BR)CBO: -45 V

Operating and storage junction temperature range

  TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SB709A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB709A PANASONIC-2SB709A Datasheet
48Kb / 3P
Silicon PNP epitaxial planer type
2SB709A PANASONIC-2SB709A Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type
2SB709A PANASONIC-2SB709A Datasheet
200Kb / 5P
GE PNP ALLOY JUNCTION(UL TYPE)
2SB709A PANASONIC-2SB709A Datasheet
98Kb / 4P
Silicon PNP epitaxial planar type
logo
Galaxy Semi-Conductor H...
2SB709A BILIN-2SB709A Datasheet
211Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - 2SB709A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com